Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KCL Datasheet(PDF) 5 Page - Leach International Corporation

Part # KCL
Description  RELAY – LATCHING 3 PDT, 25 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

KCL Datasheet(HTML) 5 Page - Leach International Corporation

  KCL Datasheet HTML 1Page - Leach International Corporation KCL Datasheet HTML 2Page - Leach International Corporation KCL Datasheet HTML 3Page - Leach International Corporation KCL Datasheet HTML 4Page - Leach International Corporation KCL Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
KCL SERIES
RELAY – LATCHING
3 PDT, 25 AMP
5 / 5
DIAGRAMS
NUMBERING SYSTEM
NOTES
1.
Standard Intermediate current test applicable.
2.
For full rated load, max. temp. and altitude use no. 12 wire or larger. Relays to be mounted to limit mounting bracket temp. to 135° C.
3.
DC inductive load 10,000 cycles, AC inductive load 20,000 cycles.
4.
500 Vrms with silicone gasket compressed, 350 Vrms all other conditions.
5.
Applicable military specification: MIL-PRF-6106 and MS27742.
6.
Special models available: Dry circuit, established reliability testing, etc.
7.
"N, R & V" coils have back EMF suppression to - 5 volts maximum.
8.
Relay will not be damaged by applying reverse voltage to the coil, although the relay may transfer.
9.
60 Hz load life, 10,000 cycles.
10. Time current relay characteristics per MIL-PRF-6106.
For any inquiries, please contact your local sales representative: leachcorp.com
KCL
-
A
4
A
-
XXX
Basic series designation
1.
Mounting styles (A, D, J)
2.
Terminal types (1, 2, 4,)
3.
Coil voltage, see coil characteristics (A, B, C, M, N, R or V)
4.
XXX Designators



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com