Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDA Datasheet(PDF) 5 Page - Leach International Corporation

Part # KDA
Description  RELAY – NONLATCH 3PST/NO AUX, 25 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

KDA Datasheet(HTML) 5 Page - Leach International Corporation

  KDA Datasheet HTML 1Page - Leach International Corporation KDA Datasheet HTML 2Page - Leach International Corporation KDA Datasheet HTML 3Page - Leach International Corporation KDA Datasheet HTML 4Page - Leach International Corporation KDA Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
KDA SERIES
RELAY – NONLATCH
3PST/NO +AUX, 25 AMP
5 / 5
DIAGRAMS
TOL: .XX ±.03; .XXX ±.010
NUMBERING SYSTEM
NOTES
1.
Standard Intermediate current test applicable.
2.
For full rated load, max. temp. and altitude use no. 12 wire or larger.
Relays to be mounted to limit mounting bracket temp. to 135° C.
3.
DC inductive load 10,000 cycles. AC inductive load 20,000 cycles.
4.
Dielectric of auxiliary contact gap after life tests: 750 Vrms.
5.
500 Vrms with silicone gasket compressed, 350 Vrms all other conditions.
6.
Reference military specification: MIL-PRF-6106, and MIL-PRF-6106/13.
7.
Special models available: dry circuit, established reliability testing, etc.
8.
Applicable to power contacts only.
9.
60 Hz load life, 10,000 cycles.
10. Time current relay characteristics per MIL-PRF-6106.
11. Temperature range:
Non-operating -62°C to +95°C
Operating -54°C to +71°C
For any inquiries, please contact your local sales representative: leachcorp.com
KDA -
A
4
F
Basic series designation
1.
Mounting styles (A, D, E, J)
2.
Terminal types (1, 2, 4,) [1]
3.
Coil voltage, see coil characteristics (E, F, J, K or T)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com