Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KXD9B Datasheet(PDF) 6 Page - Leach International Corporation

Part # KXD9B
Description  RELAY NONLATCH 1 PST/NO (DM) / 75 AMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

KXD9B Datasheet(HTML) 6 Page - Leach International Corporation

  KXD9B Datasheet HTML 1Page - Leach International Corporation KXD9B Datasheet HTML 2Page - Leach International Corporation KXD9B Datasheet HTML 3Page - Leach International Corporation KXD9B Datasheet HTML 4Page - Leach International Corporation KXD9B Datasheet HTML 5Page - Leach International Corporation KXD9B Datasheet HTML 6Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
KX
RELAY NONLATCH
1 PST/NO (DM) / 75 AMP
6 / 6
SCHEMATIC DIAGRAM
NUMBERING SYSTEM
E x a m p l e : KX - X 5 A
NOTES
1.
For other mounting styles or terminal types, please contact the factory
2.
Coil time constant L/R : 11ms
3.
Relay will not be damaged by applying reverse voltage to the coil although the relay may transfer.
4.
For full rated load, max temp and altitude use no. 6 AWG wire or larger
5.
"N" R & V coils have back EMF suppression to - 42 volts maximum.
KX
X
5
A
Basic series designation
1.
Mounting styles X, U, D
2.
Terminal types 9, 5
3.
Coil voltage A, B, C, M, N, R, V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com