Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS552R-01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS552R-01
Description  Crystal Oscillator & Multiplier with 8 Low Skew Outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS552R-01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS552R-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS552R-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS552R-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS552R-01 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ICS552-01A
Crystal Oscillator & Multiplier with 8 Low Skew Outputs
MDS 552-01 AB
1
Revision 032200
Printed 11/14/00
Integrated Circuit Systems • 525 Race Street • San Jose • CA • 95126 • (408) 295-9800tel • www.icst.com
Description
The ICS552-01A produces 8 low skew
copies of a multiple of the input when a
clock or fundamental, parallel-mode crystal
is connected to it. Unlike other clock
drivers, it does not require a separate
oscillator for the input. Using a phase-
locked loop (PLL) to multiply the input
frequency, it is ideal for generating and
distributing multiple high frequency clocks.
Features
• Packaged in 20 pin SSOP (QSOP)
• Input frequency of 10.0 - 27.0 MHz
• Contains on-chip multiplier with selections
of x1, x1.33, x2, x2.66, x3, x3.33, x4,
x4.66, x5, and x6
• Provides 8 low skew outputs (<250 ps)
• Output clock duty cycle of 40/60 at 3.3 V
• Operating voltages of 3.0 V to 5.5 V
• Industrial temperature available
• Power Down and Tri state modes
Block Diagram
CLK1
CLK2
CLK3
CLK4
CLK6
CLK5
CLK7
CLK8
Output
Buffer
Output
Buffer
Output
Buffer
Output
Buffer
Output
Buffer
Output
Buffer
Output
Buffer
Output
Buffer
Clock
Buffer/
Crystal
Oscillator
10.0 - 27.0 MHz
crystal or clock
VDD
GND
X2
X1
PLL
Multiplier
S3:S0
4


Similar Part No. - ICS552R-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS552R-01 ICST-ICS552R-01 Datasheet
62Kb / 4P
Crystal Oscillator & Multiplier with 8 Low Skew Outputs
Revision 032200
ICS552R-01 ICST-ICS552R-01 Datasheet
178Kb / 10P
Oscillator, Multiplier, and Buffer with 8 Outputs
Revision 100104
ICS552R-01I ICST-ICS552R-01I Datasheet
62Kb / 4P
Crystal Oscillator & Multiplier with 8 Low Skew Outputs
Revision 032200
ICS552R-01I ICST-ICS552R-01I Datasheet
178Kb / 10P
Oscillator, Multiplier, and Buffer with 8 Outputs
Revision 100104
ICS552R-01IT ICST-ICS552R-01IT Datasheet
62Kb / 4P
Crystal Oscillator & Multiplier with 8 Low Skew Outputs
Revision 032200
More results

Similar Description - ICS552R-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS552-01 ICST-ICS552-01 Datasheet
62Kb / 4P
Crystal Oscillator & Multiplier with 8 Low Skew Outputs
Revision 032200
logo
Exar Corporation
XRT8010 EXAR-XRT8010 Datasheet
256Kb / 13P
312MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
logo
Integrated Circuit Syst...
ICS55201-01 ICST-ICS55201-01 Datasheet
178Kb / 10P
Oscillator, Multiplier, and Buffer with 8 Outputs
Revision 100104
logo
Exar Corporation
XRT8020 EXAR-XRT8020 Datasheet
425Kb / 12P
650 MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
Integrated Circuit Syst...
ICS552A-01 ICST-ICS552A-01 Datasheet
186Kb / 10P
Oscillator, Multiplier, and Buffer with 8 Outputs
Revision 010906
logo
Integrated Device Techn...
ICS8538-31 IDT-ICS8538-31 Datasheet
1Mb / 14P
LOW SKEW, 1-TO-8, CRYSTAL OSCILLATOR/LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
8538-31 RENESAS-8538-31 Datasheet
410Kb / 15P
Low Skew, 1-to-8, Crystal Oscillator/LVCMOS-TO-3.3V LVPECL Fanout Buffer
Rev B 7/10/15
ICS552-01 RENESAS-ICS552-01 Datasheet
282Kb / 12P
OSCILLATOR, MULTIPLIER, AND BUFFER WITH 8 OUTPUTS
051310
ICS552A-01 RENESAS-ICS552A-01 Datasheet
402Kb / 12P
OSCILLATOR, MULTIPLIER, AND BUFFER WITH 8 OUTPUTS
051310
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com