Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KXD9R Datasheet(PDF) 2 Page - Leach International Corporation

Part # KXD9R
Description  RELAY NONLATCH 1 PST/NO (DM) / 75 AMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

KXD9R Datasheet(HTML) 2 Page - Leach International Corporation

  KXD9R Datasheet HTML 1Page - Leach International Corporation KXD9R Datasheet HTML 2Page - Leach International Corporation KXD9R Datasheet HTML 3Page - Leach International Corporation KXD9R Datasheet HTML 4Page - Leach International Corporation KXD9R Datasheet HTML 5Page - Leach International Corporation KXD9R Datasheet HTML 6Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KX
RELAY NONLATCH
1 PST/NO (DM) / 75 AMP
2 / 6
COIL CH AR ACTERISTICS (Vdc)
CODE
A
B
C
M
N
R
V
Nominal operating voltage
28
12
6
48
28
12
6
Maximum operating voltage at +125°C
29
14.5
7.3
50
29
14.5
7.3
Maximum pickup voltage
- Cold coil at +125° C
20
9
4.5
36
25
9
4.5
- During high temp test at +125° C
22.5
9.9
5
38
22.5
9.9
5
- During continuous current test at +125° C
25
11.25
5.7
42
25
11.25
5.7
- Drop-out voltage (Maximum)
7
4.5
2.5
14
7
4.5
2.5
Coil resistance
Ω ±10% +25° C except types "C" and "V"+20%, -10%
290
70
18
890
290
70
18
GENER AL CH AR ACTERISTICS
Temperature range
-70°C à +125°C
Dielectric strength at sea level all points
- All circuits to ground and circuit to circuit
1250 Vrms / 50 Hz
- Coil to ground
1000 Vrms / 50 Hz
Dielectric strength at altitude 25.000 m (all points)
500 Vrms / 50Hz
(500 Vrms gasket compressed)
Insulation resistance
- Initial (500 Vdc)
100 M
Ω min
- After environmental tests (500 Vdc)
50 M
Ω min
Sinusoidal vibration (A and D mounting)
0.12" DA / 10 to 57 Hz
20G / 57 to 2000 Hz
Random vibration according to MIL-STD 202 methode 214
1E (0.2G2/Hz, 50 to 2000 Hz)
Mechanical shock (A et D mounting )
50G / 11 ms
Maximum contact opening time under vibration and shock
10 µ sec
Operate time at nominal voltage
15 ms max
Release time at nominal voltage
15ms max
Contact make bounce at nominal voltage
1ms max
Contact release break bounce
0.5 ms max



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com