Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS-D2R-XXX Datasheet(PDF) 2 Page - Leach International Corporation

Part # JS-D2R-XXX
Description  RELAY – NONLATCH 1PDT, 10 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

JS-D2R-XXX Datasheet(HTML) 2 Page - Leach International Corporation

  JS-D2R-XXX Datasheet HTML 1Page - Leach International Corporation JS-D2R-XXX Datasheet HTML 2Page - Leach International Corporation JS-D2R-XXX Datasheet HTML 3Page - Leach International Corporation JS-D2R-XXX Datasheet HTML 4Page - Leach International Corporation JS-D2R-XXX Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SERIES JS
RELAY
– NONLATCH
1PDT, 10 AMP
2 / 5
COIL CHARACTERISTICS (Vdc/Vac)
GENERAL CHARACTERISTICS
Unless otherwise noted, the specified temperature range applies to all relay characteristics.
CODE
A
B
C
M
N [5]
R [5]
V [5]
Nominal operating voltage
28
12
6
48
28
12
6
Maximum operating voltage
29
14.5
7.3
50
29
14.5
7.3
Maximum pickup voltage
- Cold coil at +125° C
18
9
4.5
36
18
9
4.5
- During high temp test at +125° C
19.8
9.9
5
38
19.8
9.9
5
- During continuous current test at +125° C
22.5
11.25
5.7
42
22.5
11.25
5.7
Maximum drop-out voltage
7
4.5
2.5
14
7
4.5
2.5
Coil resistance
Ω ±10% at +25° C or max coil
current (AMPS) at +25° C
320
Ω
80
Ω
20
Ω
+20%
-10%
1000
Ω
320
Ω
80
Ω
20
Ω
+20%
-10%
Temperature range
-70°C to +125°C
Minimum operating cycles (life) at rated load
25,000
Minimum operating cycles (life) at 25% rated load
100,000
Dielectric strength at sea level
- All circuits to ground and circuit to circuit
1250 Vrms
- Coil to ground and coil to coil
1000 Vrms
Dielectric strength at altitude 80,000 ft
500 Vrms [2]
Insulation resistance
- Initial (500 Vdc)
100 M
Ω min
- After environmental tests (500 Vdc)
50 M
Ω min
Sinusoidal vibration (A, D and J mounting)
0.12 d.a. / 10 to 70 Hz
30G / 70 to 3000 Hz
Random vibration
- Applicable specification
MIL-STD-202
- Method
214
- Test condition - A, D and J mounting
1G (0.4G2/Hz, 50 to 2000 Hz)
- Duration
15 minutes each plane
Shock (A, D and J mounting)
200G / 6 ms
Maximum contact opening time under vibration and shock
10 μs
Operate time at nominal voltage - Series JS @ 25°C
10 ms max
Release time at nominal voltage - Series JS @ 25°C
10 ms max
Contact make bounce at nominal voltage @ 25°C
1 ms max
Contact release break bounce at nominal voltage @ 25°C
0.1 ms max



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com