Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZCD Datasheet(PDF) 1 Page - Leach International Corporation

Part # ZCD
Description  CONTACTOR, CENTER-OFF 100 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

ZCD Datasheet(HTML) 1 Page - Leach International Corporation

  ZCD Datasheet HTML 1Page - Leach International Corporation ZCD Datasheet HTML 2Page - Leach International Corporation ZCD Datasheet HTML 3Page - Leach International Corporation ZCD Datasheet HTML 4Page - Leach International Corporation ZCD Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ENGINEERING DATA SHEET
SERIES ZC, ZCD
CONTACTOR, CENTER-OFF
100 AMP
APPLICATION NOTES:
101
102
007
Balanced-Force Design
Hermetically sealed
Designed to the
performance standards of
MIL-PRF-6106
PRINCIPLE TECHNICAL CHARACTERITICS
Contacts rated at
28 Vdc and 115 Vac, 400 Hz, 1Ø
and 115/200 Vac 400Hz, 3Ø
Weight
See Mounting
Auxiliary contact models available.
Special units available upon request.
CONTACT ELECTRICAL CHARACTERISTICS
Contact rating per pole
and load type
Load current in Amps
28 Vdc
115 Vac
400 Hz
115/200 Vac
400 Hz, 3Ø
28 Vdc [2]
DELTA
115/200 Vac
60 Hz
Resistive
Inductive [1]
Motor
Load transfer, resistive[7]
50
30
30
-
100
100
60
-
100
100
60
50
120
80
80
-
60
60
40
-
Featuring LEACH© power and control solutions
www.esterline.com
AMERICAS
6900 Orangethorpe Ave.
P.O. Box 5032
Buena Park, CA 90622
.
.
Tel: (01) 714-736-7599
Fax: (01) 714-670-1145
EUROPE
2 Rue Goethe
57430 Sarralbe
France
.
.
Tel: (33) 3 87 97 31 01
Fax: (33) 3 87 97 96 86
ASIA
Units 602-603 6/F Lakeside 1
No.8 Science Park West Avenue
Phase Two, Hong Kong Science Park
Pak Shek Kok, Tai Po, N.T.
Hong Kong
Tel: (852) 2 191 3830
Fax: (852) 2 389 5803
Data sheets are for initial product selection and comparison. Contact Esterline Power Systems prior to choosing a component.
Date of issue: 06/10
- 63 -
Page 1 of 5


Similar Part No. - ZCD

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZCDC10-01263-S MINI-ZCDC10-01263-S Datasheet
276Kb / 2P
Directional Coupler
ZCDC10-01263-S+ MINI-ZCDC10-01263-S+ Datasheet
276Kb / 2P
Directional Coupler
ZCDC10-02263S MINI-ZCDC10-02263S Datasheet
312Kb / 2P
Directional Coupler
ZCDC10-02263S+ MINI-ZCDC10-02263S+ Datasheet
312Kb / 2P
Directional Coupler
ZCDC10-06263-S MINI-ZCDC10-06263-S Datasheet
360Kb / 2P
Directional Coupler
More results

Similar Description - ZCD

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
NH-505 MACOM-NH-505 Datasheet
70Kb / 1P
3PDT Center Off Main Contacts
logo
Cherry Semiconductor Co...
NM02 CHERRY-NM02 Datasheet
445Kb / 2P
center-off switch
logo
Picker Components
PC120 PICKER-PC120 Datasheet
693Kb / 3P
100 Amp D.C. Power Contactor
logo
Leach International Cor...
9325 LEACH-9325 Datasheet
1Mb / 10P
RELAY CENTER OFF LOAD TRANSFER 3PST/NO, 25 AMP
9207 LEACH-9207 Datasheet
821Kb / 8P
POWER CONTACTOR 100 AMP
9213 LEACH-9213 Datasheet
362Kb / 5P
POWER CONTACTOR 3 PST-DM, 50/100 AMP
L-X0X LEACH-L-X0X Datasheet
558Kb / 6P
CONTACTOR 90 AMP
LC-X0X LEACH-LC-X0X Datasheet
1Mb / 6P
CONTACTOR, CENTER-OFF 90 AMP
WC-X0X LEACH-WC-X0X Datasheet
806Kb / 7P
CONTACTOR, CENTER-OFF 250 AMP
ZC-X0X LEACH-ZC-X0X Datasheet
1Mb / 9P
CONTACTOR, CENTER-OFF 100 AMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com