Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1054CSW Datasheet(PDF) 11 Page - Linear Technology

Part # LT1054CSW
Description  Switched-Capacitor Voltage Converter with Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1054CSW Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1054CSW Datasheet HTML 7Page - Linear Technology LT1054CSW Datasheet HTML 8Page - Linear Technology LT1054CSW Datasheet HTML 9Page - Linear Technology LT1054CSW Datasheet HTML 10Page - Linear Technology LT1054CSW Datasheet HTML 11Page - Linear Technology LT1054CSW Datasheet HTML 12Page - Linear Technology LT1054CSW Datasheet HTML 13Page - Linear Technology LT1054CSW Datasheet HTML 14Page - Linear Technology LT1054CSW Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1054/LT1054L
1054lfe
TYPICAL APPLICATIONS N
5V to
±12V Converter
Bipolar Supply Doubler
20k
1N914
1N914
VIN = 5V
TO PIN 4
LT1054 #1
VOUT ≈ –12V
IOUT = 25mA
VOUT ≈ 12V
IOUT = 25mA
LT1054 • TAO8
1k
2N2219
10
µF
100
µF
10
µF
10
µF
100
µF
5
µF
100
µF
5
µF
+
+
+
+
+
LT1054 #2
FB/SHDN
CAP+
GND
CAP –
V+
OSC
VREF
VOUT
LT1054 #1
FB/SHDN
CAP+
GND
CAP –
V+
OSC
VREF
VOUT
VIN
3.5V TO 15V
–VOUT
LT1054 • TAO7
+VOUT
+
–
= 1N4001
VIN = 3.5V TO 15V
+VOUT ≈ 2VIN – (VL + 2VDIODE)
–VOUT ≈ –2VIN + (VL + 2VDIODE)
VL = LT1054 VOLTAGE LOSS
100
µF
10
µF
10
µF
10
µF
100
µF
100
µF
+
+
+
+
+
LT1054
FB/SHDN
CAP+
GND
CAP –
V+
OSC
VREF
VOUT
1
µF
5V
1
2
3
8
200k
3k
100
µF
TANTALUM
LT1054 • TAO9
0.022
µF
2N2222
A = 125 FOR 0V TO 3V OUT FROM FULL-SCALE
BRIDGE OUTPUT OF 24mV
100k
100k
10k
ZERO
TRIM
5k
GAIN
TRIM
10k
10k
5V
40
Ω
301k
1M
A1
1/2 LT1013
5k
6
5
4
7
10k
2N2907
INPUT TTL
OR CMOS
LOW FOR ON
350
Ω
A2
1/2 LT1013
10
µF
+
+
10
µF
+
LT1054
FB/SHDN
CAP+
GND
CAP –
V+
OSC
VREF
VOUT
Strain Gauge Bridge Signal Conditioner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com