Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGHV60040D Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # CGHV60040D
Description  40 W, 6.0 GHz, GaN HEMT Die
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CGHV60040D Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  CGHV60040D Datasheet HTML 1Page - WOLFSPEED, INC. CGHV60040D Datasheet HTML 2Page - WOLFSPEED, INC. CGHV60040D Datasheet HTML 3Page - WOLFSPEED, INC. CGHV60040D Datasheet HTML 4Page - WOLFSPEED, INC. CGHV60040D Datasheet HTML 5Page - WOLFSPEED, INC. CGHV60040D Datasheet HTML 6Page - WOLFSPEED, INC. CGHV60040D Datasheet HTML 7Page - WOLFSPEED, INC. CGHV60040D Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CGHV60040D
3
Rev. 1.3, 2022-12-12
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
DIE Dimensions (units in microns)
Assembly Notes:
•
Recommended solder is AuSn (80/20) solder. Refer to Wolfspeed’s website for the Eutectic Die
Bond Procedure application note at https://www.wolfspeed.com/rf/document-library
•
Vacuum collet is the preferred method of pick-up.
•
The backside of the die is the Source (ground) contact.
•
Die back side gold plating is 5 microns thick minimum.
•
Thermosonic ball or wedge bonding are the preferred connection methods.
•
Gold wire must be used for connections.
•
Use the die label (XX-YY) for correct orientation.
Overall die size 1800 x 820 (+0/-50) microns, die thickness 100 microns.
All Gate and Drain pads must be wire bonded for electrical connection.
Pad
Size (microns)
Drain
464 x 156
Gate
464 x 156
Interconnect
156 x 152
Electrostatic Discharge (ESD) Classifications
Parameter
Symbol
Class
Classification Level
Test Methodology
Human Body Model
HBM
TBD
ANSI/ESDA/JEDEC JS-001 Table 3
JEDEC JESD22 A114-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com