Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC237B Datasheet(PDF) 13 Page - Texas Instruments

Part # TC237B
Description  680-횞500-PIXEL CCD IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC237B Datasheet(HTML) 13 Page - Texas Instruments

Back Button TC237B Datasheet HTML 7Page - Texas Instruments TC237B Datasheet HTML 8Page - Texas Instruments TC237B Datasheet HTML 9Page - Texas Instruments TC237B Datasheet HTML 10Page - Texas Instruments TC237B Datasheet HTML 11Page - Texas Instruments TC237B Datasheet HTML 12Page - Texas Instruments TC237B Datasheet HTML 13Page - Texas Instruments TC237B Datasheet HTML 14Page - Texas Instruments TC237B Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TC237B
680-
× 500-PIXEL CCD IMAGE SENSOR
SOCS063 – APRIL 2001
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
CCD_OUT1
IAG1
SAG
SAG
SUB
SRG
RST
ODB
IAG2
SUB
ADB
OUT 1
OUT 2
TC237
+12 V
CCD_OUT2
+15 V
CCD_ODB
ODB_CLK
ODB
Driver
+5 V
CCD_SAG
2 k
Ω
2.7
k
Ω
10
Ω
5.2
k
Ω
3.3 k
Ω
1.5
k
Ω
3.3 k
Ω
A1
A2
A3
A4
G
Y1
Y2
Y3
Y4
SRG_CLK
RST_CLK
74ACT240NS
Serial
Driver
0.1
µF
2.2 k
Ω
4.7
Ω
–10
v
+2 V
560
Ω
10 k
Ω
560
Ω
10 k
Ω
4.7
Ω
10
Ω
10
Ω
0.1
µF
CCD_SRG
CCD_RST
0.1
µF
2.2 k
Ω
4.7
Ω
–10
v
+2 V
560
Ω
10 k
Ω
560
Ω
10 k
Ω
4.7
Ω
10
Ω
10
Ω
0.1
µF
E1 E2
B1
B2
C1
C2
E1 E2
B1
B2
C1
C2
E1 E2
B1
B2
C1
C2
NC
OUTA
V+
OUTB
NC
INA
GND
INB
EL7202C
NC
OUTA
V+
OUTB
NC
INA
GND
INB
EL7202C
HN1A01F
HN1A01F
HN1A01F
IAG1_CLK
IAG2_CLK
SAG_CLK
1.2
k
Ω
1.8
k
Ω
1.8
k
Ω
1.8
k
Ω
1.8
k
Ω
1.8
k
Ω
1.8
k
Ω
Parallel
Driver
–10 V
CCD_IAG2
CCD_IAG
1
+2 V
3.9
k
Ω
DEVICE
NOTES:
A. Support circuits
B. Clock, DC voltages
EL7202C
74ACT240NS
FUNCTION
APPLICATION
TTL level
+15 V, +12 V, +5 V, +2 V, 0 V, (Ground), –10 V
SRG_CLK, RST_CLK, ODB_CLK, IAG1_CLK,
IAG2_CLK, SAG_CLK
DC
Clock
Driver for IAG1, IAG2,SAG
Driver for SRG, RST
Parallel driver
Serial pre-driver
Figure 10. Typical Application Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com