Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP245Y Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # TOP245Y
Description  TOPSwitch -GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245Y Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button TOP245Y Datasheet HTML 7Page - Power Integrations, Inc. TOP245Y Datasheet HTML 8Page - Power Integrations, Inc. TOP245Y Datasheet HTML 9Page - Power Integrations, Inc. TOP245Y Datasheet HTML 10Page - Power Integrations, Inc. TOP245Y Datasheet HTML 11Page - Power Integrations, Inc. TOP245Y Datasheet HTML 12Page - Power Integrations, Inc. TOP245Y Datasheet HTML 13Page - Power Integrations, Inc. TOP245Y Datasheet HTML 14Page - Power Integrations, Inc. TOP245Y Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
TOP242-250
11
G
1/02
FREQUENCY (F) Pin Operation
The FREQUENCY pin is a digital input pin available in the
Y, R or F package only. Shorting the FREQUENCY pin to
SOURCE pin selects the nominal switching frequency of
132 kHz (Figure 13) which is suited for most applications. For
other cases that may benefit from lower switching
frequency such as noise sensitive video applications, a 66 kHz
switching frequency (half frequency) can be selected by
shorting the FREQUENCY pin to the CONTROL pin
(Figure 14). In addition, an example circuit shown in Figure 15
may be used to lower the switching frequency from 132 kHz in
normal operation to 66 kHz in standby mode for very low standby
power consumption.
LINE-SENSE (L) Pin Operation (Y, R and F Packages)
When current is fed into the LINE-SENSE pin, it works as a
voltage source of approximately 2.6 V up to a maximum
current of +400
µA (typical). At +400 µA, this pin turns into a
constant current sink. Refer to Figure 12a. In addition, a
comparator with a threshold of 1 V is connected at the pin and is
used to detect when the pin is shorted to the SOURCE pin.
There are a total of four functions available through the use of
the LINE-SENSE pin: OV, UV, line feed forward with DC
MAX
reduction, and remote ON/OFF. Connecting the LINE-SENSE
pin to the SOURCE pin disables all four functions. The LINE-
SENSE pin is typically used for line sensing by connecting a
resistor from this pin to the rectified DC high voltage bus to imple-
ment OV, UV and DC
MAX reduction with line voltage. In this
mode, the value of the resistor determines the line OV/UV thresh-
olds, and the DC
MAX is reduced linearly with rectified DC high
voltage starting from just above the UV threshold. The pin can
also be used as a remote on/off and a synchronization input. Refer
to Table 2 for possible combinations of the functions with
Using Feature Pins
✔
✔✔
✔
✔
✔
✔✔
✔
✔
✔
✔✔
✔
✔
✔
✔✔
✔
✔
✔✔
✔✔
✔
✔
✔✔
✔
16
17
18
19
20
21
22
23
24
25
26
27
28
29
Table 2. Typical LINE-SENSE and EXTERNAL CURRENT LIMIT Pin Configurations.
*This table is only a partial list of many LINE-SENSE and EXTERNAL CURRENT LIMIT pin configurations that are possible.
Figure Number
Three Terminal Operation
Under-Voltage
Overvoltage
Line Feed Forward (DC
MAX)
Overload Power Limiting
External Current Limit
Remote ON/OFF
example circuits shown in Figure 16 through Figure 40. A
description of specific functions in terms of the LINE-SENSE
pin I/V characteristic is shown in Figure 11 (right hand side).
The horizontal axis represents LINE-SENSE pin current with
positive polarity indicating currents flowing into the pin. The
meaning of the vertical axes varies with functions. For those
that control the on/off states of the output such as UV, OV and
remote ON/OFF, the vertical axis represents the enable/
disable states of the output. UV triggers at I
UV (+50 µA typical
with 30
µA hysteresis) and OV triggers at I
OV (+225 µA
typical with 8
µA hysteresis). Between the UV and OV thresh-
olds, the output is enabled. For line feed forward with DC
MAX
reduction, the vertical axis represents the magnitude of the
DC
MAX. Line feed forward with DCMAX reduction lowers
maximum duty cycle from 78% at I
L(DC) (+60 µA typical) to
38% at I
OV (+225 µA).
EXTERNAL CURRENT LIMIT (X) Pin Operation
(Y, R and F Packages)
When current is drawn out of the EXTERNAL CURRENT
LIMIT pin, it works as a voltage source of approximately
1.3 V up to a maximum current of –240
µA (typical). At
–240
µA, it turns into a constant current source (refer to
Figure 12a).
There are two functions available through the use of the
EXTERNAL CURRENT LIMIT pin: external current limit
and remote ON/OFF. Connecting the EXTERNAL CURRENT
LIMIT pin and SOURCE pin disables the two functions. In
high efficiency applications this pin can be used to reduce the
current limit externally to a value close to the operating peak
current, by connecting the pin to the SOURCE pin through a
resistor. The pin can also be used as a remote on/off. Table 2
shows several possible combinations using this pin. See
LINE-SENSE AND EXTERNAL CURRENT LIMIT PIN TABLE*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com