Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP246F Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # TOP246F
Description  TOPSwitch -GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP246F Datasheet(HTML) 1 Page - Power Integrations, Inc.

  TOP246F Datasheet HTML 1Page - Power Integrations, Inc. TOP246F Datasheet HTML 2Page - Power Integrations, Inc. TOP246F Datasheet HTML 3Page - Power Integrations, Inc. TOP246F Datasheet HTML 4Page - Power Integrations, Inc. TOP246F Datasheet HTML 5Page - Power Integrations, Inc. TOP246F Datasheet HTML 6Page - Power Integrations, Inc. TOP246F Datasheet HTML 7Page - Power Integrations, Inc. TOP246F Datasheet HTML 8Page - Power Integrations, Inc. TOP246F Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
®
®
TOP242-250
TOPSwitch -GX Family
Extended Power, Design Flexible,
EcoSmart,
® Integrated Off-line Switcher
January 2002
Figure 1. Typical Flyback Application.
PRODUCT3
Adapter1
Open
Frame2
Open
Frame2
OUTPUT POWER TABLE
Table 1. Notes: 1. Typical continuous power in a non-ventilated
enclosed adapter measured at 50
°C ambient. 2. Maximum practical
continuous power in an open frame design at 50
°C ambient. See
Key Applications for detailed conditions. 3. See Part Ordering
Information. 4. 230 VAC or 100/115 VAC with doubler.
PI-2632-060200
AC
IN
DC
OUT
D
S
C
TOPSwitch-GX
CONTROL
L
+
-
F
X
230 VAC
±15%4
Adapter1
85-265 VAC
9 W
15 W
6.5 W
10 W
21 W
22 W
11 W
14 W
10 W
22 W
7 W
14 W
13 W
25 W
9 W
15 W
29 W
45 W
17 W
23 W
20 W
45 W
15 W
30 W
16 W
30 W
11 W
20 W
34 W
50 W
20 W
28 W
30 W
65 W
20 W
45 W
37 W
57 W
23 W
33 W
40 W
85 W
26 W
60 W
40 W
64 W
26 W
38 W
60 W
125 W
40 W
90 W
42 W
70 W
28 W
43 W
85 W
165 W
55 W
125 W
43 W
75 W
30 W
48 W
105 W
205 W
70 W
155 W
44 W
79 W
31 W
53 W
120 W
250 W
80 W
180 W
45 W
82 W
32 W
55 W
135 W
290 W
90 W
210 W
Product Highlights
Lower System Cost, High Design Flexibility
• Extended power range to 290 W
• Features eliminate or reduce cost of external components
• Fully integrated soft-start for minimum stress/overshoot
• Externally programmable accurate current limit
• Wider duty cycle for more power, smaller input capacitor
• Separate line sense and current limit pins on Y/R/F packages
• Line under-voltage (UV) detection: no turn off glitches
• Line overvoltage (OV) shutdown extends line surge limit
• Line feed forward with maximum duty cycle (DC
MAX)
reduction rejects line ripple and limits DC
MAX at high line
• Frequency jittering reduces EMI and EMI filtering costs
• Regulates to zero load without dummy loading
• 132 kHz frequency reduces transformer/power supply size
• Half frequency option in Y/R/F packages for video applications
• Hysteretic thermal shutdown for automatic fault recovery
• Large thermal hysteresis prevents PC board overheating
EcoSmart - Energy Efficient
• Extremely low consumption in remote off mode
(80 mW @ 110 VAC, 160 mW @ 230 VAC)
• Frequency lowered with load for high standby efficiency
• Allows shutdown/wake-up via LAN/input port
Description
TOPSwitch-GX uses the same proven topology as TOPSwitch,
cost effectively integrating the high voltage power MOSFET,
PWM control, fault protection and other control circuitry onto a
single CMOS chip. Many new functions are integrated to re-
duce system cost and improve design flexibility, performance
and energy efficiency.
Depending on package type, the TOPSwitch-GX family has
either 1 or 3 additional pins over the standard DRAIN, SOURCE
and CONTROL terminals allowing the following functions: line
sensing (OV/UV, line feedforward/DC max reduction), accu-
rate externally set current limit, remote on/off, and synchroni-
zation to an external lower frequency and frequency selection
(132 kHz/66 kHz).
All package types provide the following transparent features:
Soft-start, 132 kHz switching frequency (automatically reduced
at light load), frequency jittering for lower EMI, wider DC
MAX,
hysteretic thermal shutdown and larger creepage packages. In
addition, all critical parameters (i.e. current limit, frequency,
PWM gain) have tighter temperature and absolute tolerance, to
simplify design and optimize system cost.
TOP242 P or G
TOP242 R
TOP242 Y or F
TOP243 P or G
TOP243 R
TOP243 Y or F
TOP244 P or G
TOP244 R
TOP244 Y or F
TOP245 R
TOP245 Y or F
TOP246 R
TOP246 Y or F
TOP247 R
TOP247 Y or F
TOP248 R
TOP248 Y or F
TOP249 R
TOP249 Y or F
TOP250 R
TOP250 Y or F


Similar Part No. - TOP246F

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP246F POWERINT-TOP246F Datasheet
2Mb / 52P
TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP246F POWERINT-TOP246F Datasheet
2Mb / 52P
Extended Power, Design Flexible EcoSmart, Integrated Off-line Switcher
TOP246F POWERINT-TOP246F Datasheet
3Mb / 54P
Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
October 2020
TOP246F- POWERINT-TOP246F- Datasheet
2Mb / 52P
TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP246F-TL POWERINT-TOP246F-TL Datasheet
2Mb / 52P
TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
More results

Similar Description - TOP246F

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP242-249 POWERINT-TOP242-249 Datasheet
771Kb / 48P
Family Extended Power, Design Flexible,Integrated Off-line Switcher
TOP242-250 POWERINT-TOP242-250 Datasheet
2Mb / 52P
TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
logo
Power Analog Micoelectr...
TOP232PN PAM-TOP232PN Datasheet
644Kb / 36P
TOPSwitch-FX Family Design Flexible, EcoSmart짰, Integrated Off-line Switcher
logo
Power Integrations, Inc...
TOP232PN POWERINT-TOP232PN Datasheet
644Kb / 36P
Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP234PN POWERINT-TOP234PN Datasheet
644Kb / 36P
Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP234G-TL POWERINT-TOP234G-TL Datasheet
644Kb / 36P
Design Flexible, EcoSmart® , Integrated Off-line Switcher
July 2001
logo
Guangdong Kexin Industr...
TOP250 KEXIN-TOP250 Datasheet
298Kb / 6P
TOPSwitch -GX Family Extended Power, Design Flexible, EcoSmart,Integrated Off-line Switcher
logo
Power Integrations, Inc...
TOP242 POWERINT-TOP242 Datasheet
2Mb / 52P
Extended Power, Design Flexible EcoSmart, Integrated Off-line Switcher
TOP232 POWERINT-TOP232 Datasheet
3Mb / 38P
Design Flexible, EcoSmart, Integrated Off-Line Switcher
October 2020
TOP242 POWERINT-TOP242_V01 Datasheet
3Mb / 54P
Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com