Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB5014 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CDB5014
Description  Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5014 Datasheet(HTML) 5 Page - Cirrus Logic

  CDB5014 Datasheet HTML 1Page - Cirrus Logic CDB5014 Datasheet HTML 2Page - Cirrus Logic CDB5014 Datasheet HTML 3Page - Cirrus Logic CDB5014 Datasheet HTML 4Page - Cirrus Logic CDB5014 Datasheet HTML 5Page - Cirrus Logic CDB5014 Datasheet HTML 6Page - Cirrus Logic CDB5014 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
terminated by a 51
Ω resistor to eliminate line
reflections of the incoming clock. If the CLKIN
BNC input is left floating, this resistor pulls the
converter’s clock input down to ground, thus ac-
tivating its internal oscillator.
Decoupling
T h e CDB5 01 2, CDB5 012A, C D B5014,
CDB5016’s decoupling scheme was designed to
insure accurate evaluation of the converter’s per-
formance independent of the quality of the power
supplies. Each supply is decoupled at the con-
verter with a 10
µF electrolytic capacitor to filter
low frequency noise and a 0.1
µF ceramic capaci-
tor to handle higher frequencies. The auto-zero-
ing action of the converter’s comparator provides
extremely good power supply rejection at low
frequencies. Depending on the quality of the sys-
tem’s power supplies, the decoupling scheme
could be relaxed in actual use.
COMPONENT LIST
10
Ω resistor
R1, R2
51
Ω resistor
R3
4.7
Ω resistor
R18
1 k
Ω resistor
R9, R14
560
Ω resistor
R17
10 k
Ω resistor
R4, R5, R6, R7, R8, R10, R11, R12, R13
2.43 k
Ω resistor
R19, R20
3.3 k
Ω resistor
R16
240 k
Ω resistor
R21
50 k
Ω potentiometer
R15
50 k
Ω potentiometer
R22
0.068
µF capacitor
C14
0.1
µF capacitor
C1, C3, C5, C7, C9, C10, C12
10
µF capacitor
C2, C4, C6, C8, C11, C13
CS501X/511X A/D converter
U1
1403 2.5V reference
U2
OP07 op amp
U3
2N2907A transistor
Q1
4 pos. SPST DIP switch
SW1
N.O. SPST push-button
SW2
20 pin header
CON1
bulkhead BNC
CON2, CON3, CON4, CON5, CON6
red banana jack
CON7
black banana jack
CON8
green banana jack
CON9
1" 4-40 spacer
POST1, POST2, POST3, POST4, POST5, POST6
3/8" 4-40 screw
SC1, SC2, SC3, SC4, SC5, SC6
CDB5012, CDB5012A, CDB5014, CDB5016
5
DS14DB11



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com