Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB5512 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CDB5512
Description  Evaluation Board and Software
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5512 Datasheet(HTML) 3 Page - Cirrus Logic

  CDB5512 Datasheet HTML 1Page - Cirrus Logic CDB5512 Datasheet HTML 2Page - Cirrus Logic CDB5512 Datasheet HTML 3Page - Cirrus Logic CDB5512 Datasheet HTML 4Page - Cirrus Logic CDB5512 Datasheet HTML 5Page - Cirrus Logic CDB5512 Datasheet HTML 6Page - Cirrus Logic CDB5512 Datasheet HTML 7Page - Cirrus Logic CDB5512 Datasheet HTML 8Page - Cirrus Logic CDB5512 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
CDB5510/11/12/13
DS337DB2
3
1. HARDWARE
1.1 Introduction
The CDB5510/11/12/13 evaluation system pro-
vides
a
quick
means
of
testing
the
CS5510/11/12/13 Analog-to-Digital Converters
(ADCs). The CDB5510 evaluation board accepts
any of the four converters via an 8-pin SOIC sock-
et, and interfaces directly to a PC running though
an RS-232 serial interface.
The included analysis software allows the user to
control
the
various
functions
of
the
CS5510/11/12/13, as well as capture and save data.
The software also provides data analysis tools to
display the time domain, frequency domain, and
noise histogram performance for a captured set of
data.
1.2 Power Supply Options
The CS5510/11/12/13 ADCs are designed to oper-
ate from a supply voltage difference of 5 to 6 V be-
tween V+ and V-. The parts may be run from a
single 5 V supply, or any combination of voltages
that produce a 5 V span, such as +3 V and -2 V or
± 2.5 V. The CDB5510 evaluation board supports
both single and dual supply configurations. For a
single supply, both the V- and GND posts should
be connected to 0 V, and the V+ post should be
connected to the positive supply voltage. For dual
supply configurations, the GND post should be
connected to 0 V, the positive supply should be
connected to the V+ post, and the negative supply
should be connected to the V- post. Because the
RS-232 transceiver used on the board requires at
least 3 V for its supply voltage, it is recommended
that the V+ post always be at least 3 V for proper
operation of the evaluation board. If a different mi-
crocontroller is interfaced to the CS5510/11/12/13
through HDR6, other supply voltages may be used.
1.3 Analog Inputs
Analog input signals can be connected to the con-
verter’s inputs via the CDB5510’s AIN+ and AIN-
inputs (connector J3). Note that a simple RC net-
work filters the input to reduce broadband noise.
Both of the analog inputs can also be tied to the V-
supply by changing the position of HDR4 and
HDR5, or to the output of the amplifier section as
shown in Table 1. For a differential input the jump-
ers should be set to the “Direct Differential Input”
setting, and for a single-ended input on AIN+, the
jumpers should be set to the “Direct Single-Ended
Input” setting. The jumpers can also be set to con-
figure an amplifier input, if it is installed on the
evaluation board. The amplifier section of the
board is discussed in more detail in section 1.7.
1.4 Voltage Reference Options
The evaluation system provides three voltage refer-
ence options. The VREF pin can be connected to
the on-board 2.5V reference, to the positive supply
rail, or to an external voltage reference source via
HDR3, as shown in Table 2. When the HDR3
jumper on the CDB5510 is in the”V+” position, the
eval board’s supply voltage is selected. When this
jumper is in the “LT1019” position, the on-board
reference provides an absolute voltage level of 2.5
volts (the LT1019 was chosen for its low drift, typ-
Input
HDR4
HDR5
Direct
Differential
Input
Direct
Single-Ended
Input
Differential
Amplifier
Input
Single-Ended
Amplifier
Input
Table 1. Analog Input Selection With HDR4 and HDR5
OO AIN+
OO AIN+
OO AIN+
AIN+
AMP+
V-
OO AIN-
OO AIN-
OO AIN-
AIN-
AMP-
V-
OO AIN+
OO AIN+
OO AIN+
AIN+
AMP+
V-
OO AIN-
OO AIN-
OO AIN-
AIN-
AMP-
V-
OO AIN+
OO AIN+
OO AIN+
AIN+
AMP+
V-
OO AIN-
OO AIN-
OO AIN-
AIN-
AMP-
V-
OO AIN+
OO AIN+
OO AIN+
AIN+
AMP+
V-
OO AIN-
OO AIN-
OO AIN-
AIN-
AMP-
V-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com