Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB5523 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CDB5523
Description  Evaluation Board and Software
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5523 Datasheet(HTML) 4 Page - Cirrus Logic

  CDB5523 Datasheet HTML 1Page - Cirrus Logic CDB5523 Datasheet HTML 2Page - Cirrus Logic CDB5523 Datasheet HTML 3Page - Cirrus Logic CDB5523 Datasheet HTML 4Page - Cirrus Logic CDB5523 Datasheet HTML 5Page - Cirrus Logic CDB5523 Datasheet HTML 6Page - Cirrus Logic CDB5523 Datasheet HTML 7Page - Cirrus Logic CDB5523 Datasheet HTML 8Page - Cirrus Logic CDB5523 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
CDB5521/22/23/24/28
4
DS317DB2
1. PART I: HARDWARE
1.1 Introduction
The CDB5521/22/23/24/28 evaluation board pro-
vides a means of testing the CS5521/22/23/24/28
Analog-to-Digital Converters (ADCs). The board
interfaces the converters to an IBMTM compatible
PC via an RS-232 interface while operating from a
+5 V and -5 V power supply. To accomplish this,
the board comes equipped with an 80C51 micro-
controller and a 9-pin RS-232 cable, which physi-
cally interfaces the evaluation board to the PC.
Additionally, analysis software provides easy ac-
cess to the internal registers of the converters and
provides a means to capture data and display the
converters’ time domain, frequency domain, and
noise histogram performance.
1.2 Evaluation Board Overview
The board is partitioned into two main sections: an-
alog and digital. The analog section consists of the
either the CS5521, CS5522, CS5523, CS5524 or
CS5528, a precision voltage reference, and the cir-
cuitry to generate a negative voltage. The digital
section consists of the 80C51 microcontroller, the
hardware test switches, the reset circuitry, and the
RS-232 interface.
The CS5521/22/23/24/28 is designed to digitize
low
level
signals
while
operating
from
a
32.768 KHz crystal. As shown in Figures 1 and 2,
a thermocouple can be connected to the converter’s
inputs via J1’s AIN+ and AIN- inputs. Note, a sim-
ple RC network filters the thermocouple’s output to
reduce any interference picked up by the thermo-
couple leads.
The evaluation board provides two voltage refer-
ence options, on-board and external. With HDR5’s
jumpers in positions 1 and 4, the LT1019 provides
2.5 volts (the LT1019 was chosen for its low drift,
typically 5ppm/°C). By setting HDR5’s jumpers to
position 2 and 3, the user can supply an external
voltage reference to J2’s REF+ and REF- inputs
(Application Note 4 on the web details various
voltage references).
The A/D converters’ serial interfaces are SPITM
and MICROWIRETM compatible. The interface
control lines (CS, SDI, SDO, and SCLK) are con-
nected to the 80C51 microcontroller via port one.
To interface a different microcontroller to the ADC
chip, the control lines to the ADC are available at
HDR6 (Header 6). However, to connect an external
microcontroller to the header, the evaluation board
must be modified in one of three ways: 1) cut the
interface control traces going to the on-board
80C51 microcontroller, 2) remove resistors R1-R6,
or 3) remove the 80C51 microcontroller from its
socket on the evaluation board.
Figure 3 illustrates the schematic of the digital sec-
tion. It contains the microcontroller, a Motorola
MC145407 interface chip, and test switches. The
test switches aid in debugging communication
problems between the CDB5521/22/23/24/28 and
the PC. The microcontroller derives its clock from
an 11.0592 MHz crystal. From this, the controller
is configured to communicate via RS-232 at
9600 baud, no parity, 8-bit data, and 1 stop bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com