| Electronic Components Datasheet Search |
|
CDB5528 Datasheet(PDF) 13 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CDB5528 Datasheet(HTML) 13 Page - Cirrus Logic |
|
13 / 28 page ![]() CDB5521/22/23/24/28 DS317DB2 13 2. PART II: SOFTWARE 2.1 Installation Procedure To install the software: 1) Turn on the PC, running Windows 95TM or lat- er. 2) Insert the Installation Diskette #1 into the PC. 3) Select the Run option from the Start menu. 4) At the prompt, type: A:\SETUP.EXE <enter>. 5) The program will begin installation. 6) If it has not already been installed on the PC, the user will be prompted to enter the directory in which to install the CVI Run-Time En- gineTM. The Run-Time EngineTM manages exe- cutables created with Lab Windows/CVITM. If the default directory is acceptable, select OK and the Run-Time EngineTM will be installed there. 7) After the Run-Time EngineTM is installed, the user is prompted to enter the directory in which to install the CDB55521/22/23/24/28 software. Select OK to accept the default directory. 8) Once the program is installed, it can be run by double clicking on the Eval5522 icon, or through the Start menu. Note: Thesoftwareiswrittentorunwith640x480resolution; however, it will work with 1024 x 768 resolution. If the user interface seems to be a little small, the user might consider setting the display settings to 640 x 480. (640x480 was chosen to accommodate a variety of computers). 2.2 Using the Software At start-up, the window Start-Up appears first (Fig- ure 5). This window contains information concern- ing the software’s title, revision number, copyright date, etc. Additionally, at the top of the screen is a menu bar which displays user options. Notice, the menu bar item Menu is initially disabled. This eliminates any conflicts with the mouse or concur- rent use of modems. Before proceeding any further, the user is prompted to select the serial communi- cation port. To initialize a port, pull down option Setup from the menu bar and select either COM1 or COM2. After a port is initialized, it is a good idea to test the RS-232 link between the PC and the evaluation board. To do this, pull down the Setup menu from the menu bar and select the option TESTRS232. The user is then prompted to set the evaluation board’s test switches to 011 and then re- set the board. Once this is done, proceed with the test. If the test fails, check the hardware connection and repeat again. Otherwise, set the test switches to 000 (normal mode) and reset the board. The option Menu is now available and performance tests can be executed. The evaluation software provides three types of analysis tests - Time Domain, Frequency Domain, and Histogram. The Time Domain analysis pro- cesses acquired conversions to produce a plot of Conversion Sample Number versus Magnitude. The Frequency Domain analysis processes ac- quired conversions to produce a magnitude versus frequency plot using the Fast-Fourier transform (results up to Fs/2 are calculated and plotted). Also, statistical noise calculations are calculated and dis- played. The Histogram analysis test processes ac- quired conversions to produce a histogram plot. Statistical noise calculations are also calculated and displayed (see Figures 4 through 9). The evaluation software was developed with Lab Windows/CVITM, a software development package from National Instruments. More sophisticated analysis software can be developed by purchasing the development package from National Instru- ments (512-794-0100). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |