Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMS202ECMX Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS202ECMX
Description  15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS202ECMX Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMS202ECMX Datasheet HTML 1Page - National Semiconductor (TI) LMS202ECMX Datasheet HTML 2Page - National Semiconductor (TI) LMS202ECMX Datasheet HTML 3Page - National Semiconductor (TI) LMS202ECMX Datasheet HTML 4Page - National Semiconductor (TI) LMS202ECMX Datasheet HTML 5Page - National Semiconductor (TI) LMS202ECMX Datasheet HTML 6Page - National Semiconductor (TI) LMS202ECMX Datasheet HTML 7Page - National Semiconductor (TI) LMS202ECMX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Typical Characteristics
Transmitter Output High Voltage vs. Load Capacitance
Transmitter Slew Rate vs. Load Capacitance
20048002
20048003
Application Information
CAPACITOR SELECTION
The recommended capacitors are 0.1µF. However, larger
capacitors for the charge pump may be used to minimized
ripples on V+ and V− pins.
POWER SUPPLY DECOUPLING
In some applications that are sensitive to power supply noise
from the charge pump, place a decoupling capacitor, Cbp,
from V
S to GND. Use at least a 0.1µF capacitor or the same
size as the charge pump capacitors (C1 − C4).
CHARGED PUMP
The dual internal charged-pump provides the ±10V to the to
transmitters. Using capacitor C1, the charge pump converts
+5V to +10V then stores the +10V in capacitor C3. The
charge pump uses capacitor C2 to invert the +10V to −10V.
The −10V is then stored in capacitor C4.
ELECTROSTATIC DISCHARGE PROTECTION
ESD protection has been placed at all pins to protect the
device from ESD. All pins except for the transmitter output
pins (pins 7 and 14) and receiver input pins (pins 8 and 13)
have a ESD rating of 2kV Human Body Model (HBM) and
200V Machine Model (MM). The RS-232 bus pins (pins 7, 8,
13 and 14) have a more robust ESD protection. The RS-232
bus pins have a ESD rating of 15kV HBM and IEC 1000-4-2,
air-gap. In addition the bus pins meet an ESD rating of 8kV
with IEC 1000-4-2, contact. The ESD structures can with-
stand a high ESD event under the following conditions:
powered-on, powered-off, and Input connected to high and
low with outputs unloaded.
HUMAN BODY MODEL
The Human Body Model is an ESD testing standard, defined
in Mil-STD-883C method 3015.7. It simulates a human dis-
charging an ESD charge to the IC device. The rise time is
approximately 10 ns and decay time is approximately 150
ns. The waveform is obtained by discharging 2kV volts ca-
pacitor through a resistor, R2 = 1.5 k
Ω. The peak current is
approximately 1.33A.
20048004
FIGURE 1. HBM ESD Test Model
20048005
FIGURE 2. HBM Waveform
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com