Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3308 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS3308
Description  8-Channel Analog Volume Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3308 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS3308 Datasheet HTML 28Page - Cirrus Logic CS3308 Datasheet HTML 29Page - Cirrus Logic CS3308 Datasheet HTML 30Page - Cirrus Logic CS3308 Datasheet HTML 31Page - Cirrus Logic CS3308 Datasheet HTML 32Page - Cirrus Logic CS3308 Datasheet HTML 33Page - Cirrus Logic CS3308 Datasheet HTML 34Page - Cirrus Logic CS3308 Datasheet HTML 35Page - Cirrus Logic CS3308 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
32
DS702F1
CS3308
7.2
¼ dB Control - Address 09h
7.2.1
¼ dB Control (Bit 0 - 7)
Default = 0
Function:
When set, ¼ dB of gain will be added to each bit’s respective channel. The volume changes are im-
plemented as dictated by the ZCMode[1:0] and TimeOut[2:0] bits in the Device Config 2 register (see
“Device Configuration 2 - Address 0Ch” on page 34).
It should be noted that input values outside the CS3308’s analog range of +22 dB to -96 dB are valid;
however, the volume of each channel will be limited to the CS3308’s analog range (see “Volume Lim-
its” on page 20).
Table 6 shows example volume settings using the ¼ dB control.
76
543
21
0
Quarter8
Quarter7
Quarter6
Quarter5
Quarter4
Quarter3
Quarter2
Quarter1
Volume Control Register
Setting (Reg 01h - 08h)
Corresponding QuarterX
Bit Setting
Individual VolumeChX (dB)
11111110
0
+22
11111101
1
+21.75
11111101
0
+21.5
11111100
1
+21.25
11111100
0
+21
--
-
11010100
0
+1
11010011
1
+0.75
11010011
0
+0.5
11010010
1
+0.25
11010010
0
0
11010001
1
-0.25
11010001
0
-0.5
11010000
1
-0.75
11010000
0
-1
--
-
00010100
0
-95
00010011
1
-95.25
00010011
0
-95.5
00010010
1
-95.75
00010010
0
-96
Table 6. Example Volume Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com