Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2122 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP2122
Description  Infrared Encoder/Decoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2122 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP2122 Datasheet HTML 19Page - Microchip Technology MCP2122 Datasheet HTML 20Page - Microchip Technology MCP2122 Datasheet HTML 21Page - Microchip Technology MCP2122 Datasheet HTML 22Page - Microchip Technology MCP2122 Datasheet HTML 23Page - Microchip Technology MCP2122 Datasheet HTML 24Page - Microchip Technology MCP2122 Datasheet HTML 25Page - Microchip Technology MCP2122 Datasheet HTML 26Page - Microchip Technology MCP2122 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS21894B-page 23
MCP2122
FIGURE 4-7:
16XCLK AND THE TX AND TXIR WAVEFORMS
TABLE 4-7:
TX AND TXIR REQUIREMENTS
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature: –40
°C ≤ TA ≤ +125°C (Extended)
Operating Voltage VDD range is described in
Section 4.1 “DC Characteristics”.
Param.
No.
Symbol
Characteristic
Min
Typ (1)
Max
Units Conditions
IR113
TTXRF
TX pin rise time and fall time
—
—
25
ns
Note 2
IR114
TTXJ
TX to 16XCLK jitter
—
—
1
TXCLK Note 2
IR120 TTXL2TXIRH TX falling edge (
↓) to
TXIR rising edge (
↑) (1)
7—
8
TXCLK
TTXIRPW TXIR pulse width
Smaller of
Smaller of
IR121A
3
—
3
TXCLK At 115200 baud
IR121B
1.41
3.5
5
µs
At 9600 baud (Note 3)
IR122
TTXIRP
TXIR bit period
—
16
—
TXCLK
20C
TTXIRR
TXIR pin rise time
—
10
25
ns
VDD
≥ 2.7V (Note 2)
20D
—
10
60
ns
VDD = 1.8V (Note 2)
21C
TTXIRF
TXIR pin fall time
—
10
25
ns
Note 2
Note 1: Data in the Typical (“Typ”) column is at 5V, +25
°C, unless otherwise stated. These parameters are for
design guidance only and are not tested.
2: These parameters (shaded) are characterized but are not tested. These values should be used for design
guidance only.
3: This specification is not tested. This value is from the design target
16XCLK
01
Data bit x
Data bit x+1
16 CLK
16 CLK
Bit Value
to TX
IR121A
6 CLK
TXIRI (3 * 16XCLK pulses)
IR113
IR122
IR113
IR114
IR115
TXIR Time Out
IR121C
TXIR pin
IR124
IR123
IR121B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com