Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB4352 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CDB4352
Description  192 kHz Stereo DAC with 2 Vrms Line Out
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4352 Datasheet(HTML) 4 Page - Cirrus Logic

  CDB4352 Datasheet HTML 1Page - Cirrus Logic CDB4352 Datasheet HTML 2Page - Cirrus Logic CDB4352 Datasheet HTML 3Page - Cirrus Logic CDB4352 Datasheet HTML 4Page - Cirrus Logic CDB4352 Datasheet HTML 5Page - Cirrus Logic CDB4352 Datasheet HTML 6Page - Cirrus Logic CDB4352 Datasheet HTML 7Page - Cirrus Logic CDB4352 Datasheet HTML 8Page - Cirrus Logic CDB4352 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
DS684PP1
CS4352
2. CHARACTERISTICS AND SPECIFICATIONS
(Min/Max performance characteristics and specifications are guaranteed over the Specified Operating Conditions.
Typical specifications are derived from performance measurements at TA = 25 °C, VA_H = 9 V, VA = 3.3 V,
VD = 3.3 V.)
SPECIFIED OPERATING CONDITIONS
(GND = 0 V; all voltages with respect to ground.)
ABSOLUTE MAXIMUM RATINGS
(GND = 0 V; all voltages with respect to ground.)
Operation at or beyond these limits may result in permanent damage to the device. Normal operation is not guar-
anteed at these extremes.
Parameters
Symbol
Min
Typ
Max
Units
DC Power Supply
High Voltage Analog power
Low Voltage Analog power
Digital power
Interface power
VA_H
VA
VD
VL
8.40
3.13
3.13
1.43
9
3.3
3.3
1.5
12.6
3.47
3.47
3.47
V
V
V
V
Specified Temperature Range
TA
-10
-
+70
°C
Parameters
Symbol
Min
Max
Units
DC Power Supply
High Voltage Analog power
Low Voltage Analog power
Digital power
Interface power
VA_H
VA
VD
VL
-0.3
-0.3
-0.3
-0.3
14
3.63
3.63
3.63
V
V
V
V
Input Current, Any Pin Except Supplies
Iin
-±10
mA
Digital Input Voltage
Digital Interface
VIN-L
-0.3
VL+ 0.4
V
Ambient Operating Temperature (power applied)
TA
-55
+125
°C
Storage Temperature
Tstg
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com