Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5343 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5343
Description  98 dB, 96 kHz, Multi-Bit Audio A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5343 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5343 Datasheet HTML 8Page - Cirrus Logic CS5343 Datasheet HTML 9Page - Cirrus Logic CS5343 Datasheet HTML 10Page - Cirrus Logic CS5343 Datasheet HTML 11Page - Cirrus Logic CS5343 Datasheet HTML 12Page - Cirrus Logic CS5343 Datasheet HTML 13Page - Cirrus Logic CS5343 Datasheet HTML 14Page - Cirrus Logic CS5343 Datasheet HTML 15Page - Cirrus Logic CS5343 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
DS687A4
CS5343/4
3. TYPICAL CONNECTION DIAGRAM
Figure 3. Typical Connection Diagram
AINL
AINR
6
8
1
SDOUT
9
GND
7
VQ
VA
10
5
FILT+
2
SCLK
3
LRCK
4
MCLK
Audio
Processor/
System
Clocks
VA or
GND
VA
3.3 V to 5 V
CS5343/4
Analog Input
Conditioning
1 µF
0.1 µF
1 µF
0.1 µF
1 µF
0.1 µF
See Figure 6 on
page 15
1 Pull-up to VA for Master Mode
Pull-down to GND for Slave Mode
2 Optional pull-up resistor for configur-
ing clocks in Master Mode as desribed
in the “Master Mode Speed Selection”
section on page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com