Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS44130 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS44130
Description  60 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44130 Datasheet(HTML) 5 Page - Cirrus Logic

  CS44130 Datasheet HTML 1Page - Cirrus Logic CS44130 Datasheet HTML 2Page - Cirrus Logic CS44130 Datasheet HTML 3Page - Cirrus Logic CS44130 Datasheet HTML 4Page - Cirrus Logic CS44130 Datasheet HTML 5Page - Cirrus Logic CS44130 Datasheet HTML 6Page - Cirrus Logic CS44130 Datasheet HTML 7Page - Cirrus Logic CS44130 Datasheet HTML 8Page - Cirrus Logic CS44130 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
DS690PP1
5
CS44130
VD
20, 25
28, 32
35
Core Logic Power
(Input) - Low voltage power supply for internal logic.
VL
37
Control Interface and PWM Input Power
(Input) - Supply for the I/O.
GND
21
27
33
36
Ground
(Input) - Ground for the internal logic and I/O. These pins should be connected to the
common system ground.
OUT1
OUT2
OUT3
OUT4
2
5
8
11
PWM Output
(Output) - Amplified PWM power half-bridge outputs.
IN1
IN2
IN3
IN4
34
31
29
26
PWM Input
(Input) - Inputs from a PWM modulator. These pins should not be left floating.
RST1/2
RST3/4
42
23
Reset Input
(Input) - Reset inputs for channel 1, 2, 3, and 4; active low. These pins should not be
left floating.
ERROC1/2
ERROC3/4
41
22
Over-Current Error Output
(Output) - Over-current error flag for OUTx. Open drain with internal
pull-up, active low. See
Protection and Error Reporting on page 18 for details.
ERRUVTE
18
Thermal and Under-Voltage Error Output
(Output) - Error flag for thermal shutdown and under-
voltage. Open drain with internal pull-up, active low. See
Protection and Error Reporting on
page 18 for details.
TWR
17
Thermal Warning Output
(Output) - Thermal warning output. Open drain with internal pull-up,
active low. See
Protection and Error Reporting on page 18 for details.
LVD
30
Input Voltage Level Select
(Output) - Input voltage indicator of VD. A high level indicates VD is
set to 5.0 V. A low level indicates VD is set to 3.3 V. This pins should not be left floating.
M1
M2
M3
40
39
38
Mode Select
(Input) - Used to set the operating mode. See
Output Mode Configuration on
page 15 for details. These pins should not be left floating.
OCREF
19
Over-Current Reference
(Input) - Over-current trip level setting. This pin should be connected
through a 60 k
Ω resistor to GND. See Protection and Error Reporting on page 18 for details.
This pins should not be left floating.
RAMP
24
Ramp-Up/Down Select
(Input) - When set high, ramping is enabled. When set low, ramping is
disabled. See
PWM Popguard Transient Control on page 19 for details. This pin should not
be left floating. Ramp should only be used in half bridge mode or in full bridge configuration
modes 010 and 011.
Pin Name
Pin #
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com