Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWCSSRM1.PC Datasheet(PDF) 8 Page - ams AG

Part # GWCSSRM1.PC
Description  Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

GWCSSRM1.PC Datasheet(HTML) 8 Page - ams AG

Back Button GWCSSRM1.PC Datasheet HTML 4Page - ams AG GWCSSRM1.PC Datasheet HTML 5Page - ams AG GWCSSRM1.PC Datasheet HTML 6Page - ams AG GWCSSRM1.PC Datasheet HTML 7Page - ams AG GWCSSRM1.PC Datasheet HTML 8Page - ams AG GWCSSRM1.PC Datasheet HTML 9Page - ams AG GWCSSRM1.PC Datasheet HTML 10Page - ams AG GWCSSRM1.PC Datasheet HTML 11Page - ams AG GWCSSRM1.PC Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Version 1.6(not for new design)
GW CSSRM1.PC
6E
0.3154
0.3352
5L
0.3670
0.3578
8Q
0.4164
0.4029
0.3162
0.3282
0.3692
0.3677
0.4198
0.4115
0.3210
0.3408
0.3746
0.3624
0.4261
0.4077
0.3216
0.3334
0.3773
0.3726
0.4299
0.4165
7E
0.3146
0.3422
6L
0.3692
0.3677
5R
0.4147
0.3814
0.3154
0.3352
0.3714
0.3775
0.4185
0.3902
0.3205
0.3481
0.3773
0.3726
0.4222
0.3840
0.3210
0.3408
0.3799
0.3828
0.4263
0.3929
5F
0.3217
0.3316
7L
0.3714
0.3775
6R
0.4185
0.3902
0.3222
0.3243
0.3736
0.3874
0.4223
0.3990
0.3293
0.3384
0.3799
0.3828
0.4263
0.3929
0.3294
0.3306
0.3826
0.3931
0.4305
0.4019
6F
0.3212
0.3389
5M
0.3746
0.3624
7R
0.4223
0.3990
0.3217
0.3316
0.3773
0.3726
0.4261
0.4077
0.3292
0.3461
0.3822
0.3670
0.4305
0.4019
0.3293
0.3384
0.3853
0.3776
0.4346
0.4108
7F
0.3206
0.3462
6M
0.3773
0.3726
8R
0.4261
0.4077
0.3212
0.3389
0.3799
0.3828
0.4299
0.4165
0.3292
0.3461
0.3853
0.3776
0.4346
0.4108
0.3292
0.3539
0.3885
0.3882
0.4387
0.4197
5G
0.3293
0.3384
7M
0.3799
0.3828
5S
0.4222
0.3840
0.3294
0.3306
0.3826
0.3931
0.4263
0.3929
0.3366
0.3369
0.3885
0.3882
0.4298
0.3867
0.3369
0.3451
0.3916
0.3987
0.4342
0.3957
6G
0.3292
0.3461
5N
0.3822
0.3670
6S
0.4263
0.3929
0.3293
0.3384
0.3853
0.3776
0.4305
0.4019
0.3369
0.3451
0.3898
0.3716
0.4342
0.3957
0.3373
0.3534
0.3934
0.3825
0.4386
0.4048
7G
0.3292
0.3461
6N
0.3853
0.3776
7S
0.4305
0.4019
0.3292
0.3539
0.3885
0.3882
0.4346
0.4108
0.3373
0.3534
0.3934
0.3825
0.4386
0.4048
0.3376
0.3616
0.3970
0.3935
0.4430
0.4138
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
2018-05-10
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com