Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWKAFJB6.EM Datasheet(PDF) 3 Page - ams AG

Part # GWKAFJB6.EM
Description  The SOLERIQ® S products were specifically designed for applications requiring large flux packages out of a compact area.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

GWKAFJB6.EM Datasheet(HTML) 3 Page - ams AG

  GWKAFJB6.EM Datasheet HTML 1Page - ams AG GWKAFJB6.EM Datasheet HTML 2Page - ams AG GWKAFJB6.EM Datasheet HTML 3Page - ams AG GWKAFJB6.EM Datasheet HTML 4Page - ams AG GWKAFJB6.EM Datasheet HTML 5Page - ams AG GWKAFJB6.EM Datasheet HTML 6Page - ams AG GWKAFJB6.EM Datasheet HTML 7Page - ams AG GWKAFJB6.EM Datasheet HTML 8Page - ams AG GWKAFJB6.EM Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
GW KAFJB6.EM
DATASHEET
DATASHEET
3 | Version 1.4 | 2023-07-11
Ordering Information
Type
Color temperature
Luminous Flux 1)
Ordering Code
I
F = 360 mA
Φ
V
GW KAFJB6.EM-SPSS-30S3
3000 K
1800.0 ... 2400.0 lm Q65113A1500
GW KAFJB6.EM-SPSS-40S3
4000 K
1800.0 ... 2400.0 lm Q65113A1501
GW KAFJB6.EM-SPSS-50S3
5000 K
1800.0 ... 2400.0 lm Q65113A1502
GW KAFJB6.EM-SPSS-57S3
5700 K
1800.0 ... 2400.0 lm Q65113A1503
GW KAFJB6.EM-SPSS-65S3
6500 K
1800.0 ... 2400.0 lm Q65113A1504



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com