Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAP47B Datasheet(PDF) 1 Page - ams AG

Part # LAP47B
Description  With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LAP47B Datasheet(HTML) 1 Page - ams AG

  LAP47B Datasheet HTML 1Page - ams AG LAP47B Datasheet HTML 2Page - ams AG LAP47B Datasheet HTML 3Page - ams AG LAP47B Datasheet HTML 4Page - ams AG LAP47B Datasheet HTML 5Page - ams AG LAP47B Datasheet HTML 6Page - ams AG LAP47B Datasheet HTML 7Page - ams AG LAP47B Datasheet HTML 8Page - ams AG LAP47B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LA P47B
1 Version 1.2 | 2019-07-16
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
LA P47B
PointLED®
With a diameter of just 2 mm, the PointLED is one of
the smallest packages in its class and achieves high
luminous efficacies.
Due to its round and flat package, measuring only
0.775 mm high, it is ideal for application where space
is a sensitive issue.
—
Cluster, Button Backlighting
—
Electronic Equipment
—
Gaming, Amusement, Gambling
—
Transportation, Plane, Ship
—
White Goods
Features:
—
Package: white SMT package, colorless clear resin
—
Chip technology: InGaAlP
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: λ
dom = 617 nm (● amber)
—
Corrosion Robustness Class: 3B
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)


Similar Part No. - LAP47B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAP47B OSRAM-LAP47B Datasheet
440Kb / 16P
Enhanced optical Power LED
LAP47B-S2U1-24-1 OSRAM-LAP47B-S2U1-24-1 Datasheet
440Kb / 16P
Enhanced optical Power LED
LAP47B-S2U1-24-1 OSRAM-LAP47B-S2U1-24-1 Datasheet
490Kb / 20P
Coupling into Light Guides
LAP47B-T2V1-24-1 OSRAM-LAP47B-T2V1-24-1 Datasheet
440Kb / 16P
Enhanced optical Power LED
LAP47B-T2V1-24-1 OSRAM-LAP47B-T2V1-24-1 Datasheet
490Kb / 20P
Coupling into Light Guides
More results

Similar Description - LAP47B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AV4424 PANASONIC-AV4424 Datasheet
120Kb / 5P
ONE OF THE SMALLEST SNAP-ACTION SWITCHES
logo
STATEK CORPORATION
CXOQ STATEK-CXOQ_10 Datasheet
2Mb / 2P
One of the World?셲 Smallest and Highest Precision Crystal Oscillators
logo
Omron Electronics LLC
A165E OMRON-A165E Datasheet
1Mb / 12P
Separate Construction with Smallest Class of Depth in the World
logo
Amphenol Corporation
T8031 AMPHENOL-T8031 Datasheet
54Kb / 2P
One of the smallest in-duct CO2 transmitters on the market
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
one of the smallest SSDs in the market
logo
ams AG
LBP4SG AMSCO-LBP4SG Datasheet
1Mb / 22P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.6 2021-10-12
LSP476 AMSCO-LSP476 Datasheet
1Mb / 23P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.2 2019-07-15
LTPWSG AMSCO-LTPWSG Datasheet
1Mb / 23P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.3 2021-07-15
LWP473 AMSCO-LWP473 Datasheet
1Mb / 25P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.6 2023-04-06
LWP4SG AMSCO-LWP4SG Datasheet
2Mb / 26P
With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.3 2022-03-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com