Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5754 Datasheet(PDF) 1 Page - NEC

Part # 2SC5754
Description  NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5754 Datasheet(HTML) 1 Page - NEC

  2SC5754 Datasheet HTML 1Page - NEC 2SC5754 Datasheet HTML 2Page - NEC 2SC5754 Datasheet HTML 3Page - NEC 2SC5754 Datasheet HTML 4Page - NEC 2SC5754 Datasheet HTML 5Page - NEC 2SC5754 Datasheet HTML 6Page - NEC 2SC5754 Datasheet HTML 7Page - NEC 2SC5754 Datasheet HTML 8Page - NEC 2SC5754 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATA SHEET
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
Document No. PU10008EJ02V0DS (2nd edition)
Date Published March 2003 CP(K)
Printed in Japan
NPN SILICON RF TRANSISTOR
2SC5754
NPN SILICON RF TRANSISTOR FOR
MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W)
FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
The mark
•
•
•
• shows major revised points.
©
©
©
© NEC Compound Semiconductor Devices 2001, 2003
FEATURES
• Ideal for 460 MHz to 2.4 GHz medium output power amplification
•PO (1 dB) = 26.0 dBm TYP. @ VCE = 3.6 V, f = 1.8 GHz, Pin = 15 dBm
• High collector efficiency:
ηC = 60%
• UHS0-HV technology (fT = 25 GHz) adopted
• High reliability through use of gold electrodes
• Flat-lead 4-pin thin-type super minimold (M04) package
ORDERING INFORMATION
Part Number
Quantity
Supplying Form
2SC5754
50 pcs (Non reel)
• 8 mm wide embossed taping
2SC5754-T2
3 kpcs/reel
• Pin 1 (Emitter), Pin 2 (Collector) face the perforation side of the tape
Remark To order evaluation samples, contact your nearby sales office.
The unit sample quantity is 50 pcs.


Similar Part No. - 2SC5754

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
2SC5754 CEL-2SC5754 Datasheet
1Mb / 12P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W)
logo
Renesas Technology Corp
2SC5754 RENESAS-2SC5754 Datasheet
222Kb / 15P
NPN SILICON RF TRANSISTOR
2003
2SC5754-T2 RENESAS-2SC5754-T2 Datasheet
222Kb / 15P
NPN SILICON RF TRANSISTOR
2003
2SC5754 RENESAS-2SC5754_15 Datasheet
222Kb / 15P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
More results

Similar Description - 2SC5754

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5745 NEC-2SC5745 Datasheet
121Kb / 24P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE FLAT-LEAD 3-PIN THIN-TYPE ULTRA SUPER MINIMOLD
2SC5752 NEC-2SC5752 Datasheet
91Kb / 20P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
2SC5761 NEC-2SC5761 Datasheet
81Kb / 14P
NPN SiGe RF TRANSISTOR FOR LOW NOISE & HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
logo
California Eastern Labs
NESG3031M05-T1-A CEL-NESG3031M05-T1-A Datasheet
673Kb / 9P
NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M05, 2012 PKG)
2SC5754 CEL-2SC5754 Datasheet
1Mb / 12P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W)
logo
Renesas Technology Corp
2SC5750 RENESAS-2SC5750_15 Datasheet
216Kb / 18P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) 4-PIN SUPER MINIMOLD
2SC5751 RENESAS-2SC5751_15 Datasheet
217Kb / 18P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
2SC5752 RENESAS-2SC5752_15 Datasheet
225Kb / 22P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
2SC5753 RENESAS-2SC5753_15 Datasheet
224Kb / 22P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
2SC5754 RENESAS-2SC5754_15 Datasheet
222Kb / 15P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com