Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5010RR Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CS5010RR
Description  DES/3DES Encryption/Decryption Cores
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS5010RR Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  CS5010RR Datasheet HTML 1Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 2Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 3Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 4Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 5Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 6Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 7Page - List of Unclassifed Manufacturers CS5010RR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Optimized for
7
TM
PROGRAMMABLE LOGIC CORES
For ASIC prototyping or for projects requiring the fast time-to-market of a programmable logic solution, Amphion
programmable logic core offer the silicon-aware performance tuning found in all Amphion products, combined with the rapid
design times offered by today’s leading programmable logic solutions.
Cycles per operation for the CS5010-40 cores are 16, 8, 4 and 1 respectively
Note: Speed grade = -3
Cycles per operation for the CS5010-40 cores are 16, 8, 4 and 1 respectively
Table 3: CS5010-40 DES/3DES Programmable Logic Cores using Actel Axcelerator
PRODUCT ID
SILICON
VENDOR
DEVICE
MAX.
FREQUENCY
(MHz)
DATA RATE
(MBits/Sec)
UTILIZATION
DEVICE
UTIL
AVAILABILITY
DES
3DES
R-CELLS
C-CELLS
CS5010RR
Actel
AX500
71
284
94
545
1151
22%
Now
CS5020RR
Actel
AX500
63
504
168
735
1715
31%
Now
CS5030RR
Actel
AX500
57
912
304
1213
3116
54%
Now
CS5040RR
Actel
AX1000
56
3584
1194
4162
7179
63%
Now
Table 4: CS5010-40 DES/3DES Programmable Logic Cores using Actel ProASICPlus
PRODUCT ID
SILICON
VENDOR
DEVICE
MAX.
FREQUENCY
(MHz)
DATA RATE
(MBits/Sec)
UTILIZATION
(Tiles)
DEVICE
UTIL
AVAILABILITY
DES
3DES
Combinatorial
Sequential
CS5010RQ
Actel
APA150
27
108
36
1923
510
40%
Now
CS5020RQ
Actel
APA150
27
216
72
2830
712
58%
Now
CS5030RQ
Actel
APA300
21
336
112
5253
1192
79%
Now
CS5040RQ
Actel
APA600
26
1664
554
11331
3926
71%
Now



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com