Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2S60 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP2S60
Description  Subminiature, Reflective Type Photointerrupter for Automatic Mounting
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S60 Datasheet(HTML) 3 Page - Sharp Corporation

  GP2S60 Datasheet HTML 1Page - Sharp Corporation GP2S60 Datasheet HTML 2Page - Sharp Corporation GP2S60 Datasheet HTML 3Page - Sharp Corporation GP2S60 Datasheet HTML 4Page - Sharp Corporation GP2S60 Datasheet HTML 5Page - Sharp Corporation GP2S60 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GP2S60
Fig.5 Collector Current vs. Collector-
emitter Voltage
Fig.7 Collector Dark Current vs.
Ambient Temperature
Fig.6 Relative Collector Current vs.
Ambient Temperature
Fig.3 Forward Current vs. Forward
Voltage
Fig.4 Collector Current vs. Forward
Current
500
200
100
50
20
10
5
2
0
0.5
1
1.5
2
2.5
3
Forward voltage VF (V)
Ta
=75°C
50
°C
25
°C
0
°C
−25°C
1
0
100
200
300
400
500
600
700
0
5
10
15
20
Forward current IF (mA)
VCE
=2V
Ta
=25°C
−25
VCE
=2V
IF
=4mA
0
20
40
60
80
100
120
0
255075
Ambient temperature Ta (
°C)
0
100
200
300
400
500
600
02468
10
Collector-emitter voltage VCE (V)
IF
=15mA
10mA
7mA
4mA
2mA
Ta
=25°C
10−
10
10−
6
10−
7
2
5
2
5
2
5
2
5
10−
8
10−
9
0
255075
100
Ambient temperature Ta (
°C)
VCE
=20V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com