Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2S60B Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP2S60B
Description  Subminiature, Reflective Type Photointerrupter for Automatic Mounting
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S60B Datasheet(HTML) 4 Page - Sharp Corporation

  GP2S60B Datasheet HTML 1Page - Sharp Corporation GP2S60B Datasheet HTML 2Page - Sharp Corporation GP2S60B Datasheet HTML 3Page - Sharp Corporation GP2S60B Datasheet HTML 4Page - Sharp Corporation GP2S60B Datasheet HTML 5Page - Sharp Corporation GP2S60B Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GP2S60
Fig.9 Test Circuit For Response Time
Fig.10 Relative Collector Current vs. Distance Between
Sensor and Aluminum Evaporation Glass
Fig.11 Measuring Configulation of Collector
Current
Fig.12 Spectral Sensitivity
Al evaporation glass
10
20
30
40
50
60
70
80
90
100
1
4.5
2345
3.5
2.5
1.5
0.5
VCE
=2V
IF
=4mA
Ta
=25˚C
Distance between sensor and Aluminum evaporation glass L (mm)
0
100
80
60
40
20
600
700
800
900
1000
1100
1200
Wavelength
λ (nm)
Ta
=25°C
10%
Input
Output
Input
Output
90%
ts
td
VCC
RD
RL
tf
tr
d
=1mm
glass plate
Aluminum evaporation glass
Fig.8 Response Time vs. Load
Resistance
1
10
100
1000
0.1
1
1000
10
100
Load resistance RL (k
Ω)
VCE
=2V
IC
=100µA
Ta
=25°C
tf
ts
td
tr



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com