Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1612 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT1612
Description  Timer with Dialer Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1612 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT1612 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1612 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Pad Name
I/O
Internal
Connection
Description
DI
I
CMOS IN
Pull-High
Serial data input pad (connected to the dialer)
Data should be valid at the falling edge of SK
SK
I
CMOS IN
Pull-High
Clock input pad (connected to the dialer)
VSS
I
—
Negative power supply (GND)
VA
O
CMOS OUT
Voltage doubler, connected to the external capacitor
VB
O
CMOS OUT
Voltage doubler, connected to the external capacitor
VC
O
CMOS OUT
Voltage doubler, connected to the external capacitor
VDD
I
—
Positive power supply
NC
—
—
No connection
Approximate internal connection circuit
Absolute Maximum Rantings
Supply Voltage ............................... –0.3V to 5V
Input Voltage ..................... VSS–0.3 to VDD+0.3
Storage Temperature ............... –50
°C to 125°C
Operating Temperature ............. –20
°C to 75°C
HT1612
4
5th July ’95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com