Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP3101 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IP3101
Description  Versatile Gate Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP3101 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IP3101 Datasheet HTML 1Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 2Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 3Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 4Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IP3101
September. 2003
- 4 -
http://www.interpionsemi.com
Versatile Gate Driver
ELECTRICAL CHARACTERISTICS (Continued)
CHARACTERISTICS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Oscillator Section
RT Reference Voltage
VRT
IRT=100uA
1.95
2.00
2.05
V
RT Short to GND Current
ISCRT
PIN3=0V
1
2
-
mA
RT Reference Line Regula-
tion
DVRT1
Vcc=12V~20V
-6
0.1
6
mV
RT Reference Load Regu-
lation
DVRT2
Io=100uA~500uA
-12
-0.1
12
mV
Soft Start Output Fre-
quency
FPHT11
PIN1=0V,Rphf=33KΩ,
CT=470pF, RT=20KΩ
61
68
75
KHz
Operating Frequency NOTE
FOSC1
PIN1=5V, Rphf=33KΩ,
CT=470pF, RT=20KΩ
43
46
49
kHz
Frequency Variation With
Vcc
DVFSC1
Vcc=14V~24V
-
0.01
-
%
Dead Time
TD
PIN1=5V, Rphf=33KΩ,
CT=470pF, RT=20KΩ
1.15
1.75
2.35
us
Output High Voltage 11
VOH11
Io = -10mA
11
12
13
V
Output High Voltage 12
VOH12
Io = -100mA
10.5
11.5
12.5
V
Output Low Voltage 21
VOL21
Io = 10mA
0
0.05
0.4
V
Output Low Voltage 22
VOL22
Io = 100mA
0.05
0.4
1.2
V
Output Maximum Voltage
VHOMAX
Vcc=20V, No Load
11
14
17
V
Output Voltage with UVLO
activated
VUV
Vcc=5V, Io=100uA
-
0.6
1
V
Output Section
* NOTE : FOSC (Operating Frequency) is the half of Oscillator Frequency.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com