Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAS209 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FAS209
Description  Fast Architecture SCSI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FAS209 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FAS209 Datasheet HTML 1Page - List of Unclassifed Manufacturers FAS209 Datasheet HTML 2Page - List of Unclassifed Manufacturers FAS209 Datasheet HTML 3Page - List of Unclassifed Manufacturers FAS209 Datasheet HTML 4Page - List of Unclassifed Manufacturers FAS209 Datasheet HTML 5Page - List of Unclassifed Manufacturers FAS209 Datasheet HTML 6Page - List of Unclassifed Manufacturers FAS209 Datasheet HTML 7Page - List of Unclassifed Manufacturers FAS209 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
53209-580-00 C
FAS209
5
QLogic Corporation
Electrical Characteristics
Table Notes
Conditions that exceed the operating conditions but are within the absolute maximum stress ratings may cause the
chip to malfunction.
Capacitance in and out (CIN, COUT) is 10 pF maximum for all pins, except SCSI pins.
aStatic IDD refers to all inputs at VDD, all outputs open circuit, and all bidirectional pins configured as inputs.
SCSI
INTERFACE
MICROPROCESSOR
AND DMA
INTERFACE
POWER AND
GROUND
A3-0
CS
DACK
DB7-0
DBP0
DBWR
DREQ
INT
MODE
PAD7-0
RD
ACK
ATN
BSY
CD
IO
MSG
SD7-0
SDP
FAS209
SEL
REQ
VDD
VSS
RESET
CLOCK
RESET
RST
CK
Figure 6. FAS209 Functional Signal Grouping
29
10
18
1
1
4
8
8
2
8
8
NO CONNECT
5
5
64
WR
Table 2. Operating Conditions
Symbol
Description
Minimum
Maximum
Unit
VDD
Supply voltage
4.75
5.25
V
IDDa
Supply current (static IDD)
TBD
mA
IDD
Supply current (dynamic IDD)
TBD
mA
TA
Ambient temperature
0
70
oC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com