Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37544RSS Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # M37544RSS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37544RSS Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button M37544RSS Datasheet HTML 54Page - Renesas Technology Corp M37544RSS Datasheet HTML 55Page - Renesas Technology Corp M37544RSS Datasheet HTML 56Page - Renesas Technology Corp M37544RSS Datasheet HTML 57Page - Renesas Technology Corp M37544RSS Datasheet HTML 58Page - Renesas Technology Corp M37544RSS Datasheet HTML 59Page - Renesas Technology Corp M37544RSS Datasheet HTML 60Page - Renesas Technology Corp M37544RSS Datasheet HTML 61Page - Renesas Technology Corp M37544RSS Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 68 page
background image
7544 Group
Rev.1.04
2004.06.08
page 58 of 66
REJ03B0012-0104Z
WQFN36-P-0606-0.50
–
JEDEC Code
EIAJ Package Code
Lead Material
36PJW-A
Plastic 36pin 6X6mm body WQFN
–
0.2
–
–
–
–
–
–
–
––
–
–
–
Symbol
Min
Nom
Max
A
b
c
D
E
y
b2
Dimension in Millimeters
I2
MD
ME
4.8
–
0.7
5.9
–
5.9
0.6
0.7
6.1
6.1
0.5
0.3
–
–
0.25
0.05
0.05
0.15
0.2
6.0
6.0
0.5
0.8
e
Lp
–
4.8
x
Recommended Mount Pad
Cu Alloy
Weight(g)
0.83
x
Lp
A
D
c
b
28
18
36
10
18
10
1
9
19
9
27
1
28
36
M
4.26 (Typ.)
27
19
I2
MD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com