Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS784 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # FS784
Description  Low EMI Spectrum Spread Clock
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FS784 Datasheet(HTML) 1 Page - Cypress Semiconductor

  FS784 Datasheet HTML 1Page - Cypress Semiconductor FS784 Datasheet HTML 2Page - Cypress Semiconductor FS784 Datasheet HTML 3Page - Cypress Semiconductor FS784 Datasheet HTML 4Page - Cypress Semiconductor FS784 Datasheet HTML 5Page - Cypress Semiconductor FS784 Datasheet HTML 6Page - Cypress Semiconductor FS784 Datasheet HTML 7Page - Cypress Semiconductor FS784 Datasheet HTML 8Page - Cypress Semiconductor FS784 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Low EMI Spectrum Spread Clock
FS781/82/84
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
, CA 95134
•
408-943-2600
Document #: 38-07029 Rev. *E
Revised January 28, 2005
Features
• Spread Spectrum clock generator (SSCG) with 1×, 2×,
and 4× outputs
• 6- to 82-MHz operating frequency range
• Modulates external clocks including crystals, crystal
oscillators, or ceramic resonators
• Programmable modulation with simple R-C external
loop filter (LF)
• Center spread modulation
• 3V-5V power supply
• TTL-/CMOS-compatible outputs
• Low short-term jitter
• Low-power Dissipation
— 3.3 VDC = 37 mW – typical
— 5.0 VDC = 115 mW – typical
• Available in 8-pin SOIC and TSSOP packages
Applications
• Desktop/notebook computers
• Printers, copiers, and MFP
• Scanners and fax
• LCD displays and monitors
• CD-ROM, VCD, and DVD
• Automotive and embedded systems
• Networking, LAN/WAN
• Digital cameras and camcorders
•Modems
Benefits
• Programmable EMI reduction
• Fast time to market
• Lower cost of compliance
• No degradation in rise/fall times
• Lower component and PCB layer count
Functional Description
The Cypress FS781/82/84 are Spread Spectrum clock
generator ICs (SSCG) designed for the purpose of reducing
electromagnetic
interference
(EMI)
found
in
today’s
high-speed digital systems.
The FS781/82/84 SSCG clocks use a Cypress-proprietary
technology to modulate the input clock frequency, XIN, by
modulating the frequency of the digital clock. By modulating
the reference clock the measured EMI at the fundamental and
harmonic frequencies of FSOUT is greatly reduced. This
reduction in radiated energy can significantly reduce the cost
of complying with regulatory requirements without degrading
digital waveforms.
The Cypress FS781/82/84 clocks are very simple and
versatile devices to use. By programming the two range select
lines, S0 and S1, any frequency from 6- to 82-MHz operating
range can be selected. The FS781/2/4 are designed to
operate over a very wide range of input frequencies and
provides 1×, 2×, and 4× modulated clock outputs.
The FS78x devices have a simple frequency selection table
that allows operation from 6 MHz to 82 MHz in four separate
ranges. The bandwidth of the frequency spread at FSOUT is
determined by the values of the loop filter components. The
modulation rate is determined internally by the input frequency
and the selected input frequency range.
The Bandwidth of these products can be programmed from as
little as 1.0% up to as much as 4.0% by selecting the proper
loop filter value. Refer to the Loop Filter Selection chart in
Table 2 and Table 3 for the recommended values. Due to a
wide range of application requirements, an external loop filter
(LF) is used on the FS78x products. The user can select the
exact amount of frequency modulation suitable for the appli-
cation. Using a fixed internal loop filter would severely limit
the use of a wide range of modulation bandwidths (Spread %)
to a few discrete values. Refer to FS791/2/4 products for appli-
cations requiring 80- to 140-MHz frequency range.


Similar Part No. - FS784

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FS78-8-DSL2 PANDUIT-FS78-8-DSL2 Datasheet
58Kb / 1P
Insulated Ferrules on Strips – Single Wire
FS78-8-DSL2 PANDUIT-FS78-8-DSL2 Datasheet
87Kb / 1P
Insulated Ferrules – Twin Wire DIN End Sleeve
More results

Similar Description - FS784

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM532 ETC1-SM532 Datasheet
132Kb / 14P
Low EMI Spectrum Spread Clock
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
Cypress Semiconductor
FS791 CYPRESS-FS791 Datasheet
143Kb / 9P
Low EMI Spectrum Spread Clock
CYIFS781BSXC CYPRESS-CYIFS781BSXC Datasheet
252Kb / 12P
Low EMI Spectrum Spread Clock
logo
Abracon Corporation
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com