Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GF4435 Datasheet(PDF) 2 Page - General Semiconductor

Part # GF4435
Description  P-Channel Enhancement-Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GF4435 Datasheet(HTML) 2 Page - General Semiconductor

  GF4435 Datasheet HTML 1Page - General Semiconductor GF4435 Datasheet HTML 2Page - General Semiconductor GF4435 Datasheet HTML 3Page - General Semiconductor GF4435 Datasheet HTML 4Page - General Semiconductor GF4435 Datasheet HTML 5Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –250
µA
–1.0
–– 3.0
V
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±20V
––
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = –30V, VGS = 0V
––
–1.0
µA
On-State Drain Current(1)
ID(on)
VDS
≥ –5V, VGS = –10V
–40
––
A
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = –250
µA
–30
––
V
Drain-Source On-State Resistance(1)
RDS(on)
VGS = –10V, ID = –8.0A
–
15.3
20
m
Ω
VGS = –4.5V, ID = –5.0A
–
25.3
35
Forward Transconductance(1)
gfs
VDS = –15V, ID = –8.0A
–
22
–
S
Dynamic
Total Gate Charge
Qg
–
54
60
Gate-Source Charge
Qgs
VDS = –15V, VGS = –10V
–
8.5
–
nC
Gate-Drain Charge
Qgd
ID = –4.6A
–
10.3
–
Turn-On Delay Time
td(on)
–
24
30
Rise Time
tr
VDD = –15V, RL = 15
Ω
–
12
30
Turn-Off Delay Time
td(off)
ID
≈ –1A, VGEN = –10V
–
78
120
ns
Fall Time
tf
RG = 6
Ω
–
37
80
Input Capacitance
Ciss
VGS = 0V
–
2520
–
Output Capacitance
Coss
VDS = –15V
–
490
–
pF
Reverse Transfer Capacitance
Crss
f = 1.0MHZ
–
335
–
Source-Drain Diode
Maximum Diode Forward Current
IS
––
–2.1
A
Diode Forward Voltage
VSD
IS = –2.1A, VGS = 0V
––0.75
–1.2
V
Note:
(1) Pulse test; pulse width
≤ 300 µs,
duty cycle
≤ 2%
GF4435
P-Channel Enhancement-Mode MOSFET
G
D
S
VIN
VDD
VGEN
RG
RD
VOUT
DUT
Input, VIN
td(on)
Output, VOUT
ton
tr
td(off)
toff
tf
INVERTED
90%
10%
10%
90 %
50%
50%
10%
90%
PULSE WIDTH
Switching
Test Circuit
Switching
Waveforms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com