Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMHF283R3SF/HR Datasheet(PDF) 9 Page - Interpoint Corporation Company

Part # SMHF283R3SF/HR
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMHF283R3SF/HR Datasheet(HTML) 9 Page - Interpoint Corporation Company

Back Button SMHF283R3SF/HR Datasheet HTML 4Page - Interpoint Corporation Company SMHF283R3SF/HR Datasheet HTML 5Page - Interpoint Corporation Company SMHF283R3SF/HR Datasheet HTML 6Page - Interpoint Corporation Company SMHF283R3SF/HR Datasheet HTML 7Page - Interpoint Corporation Company SMHF283R3SF/HR Datasheet HTML 8Page - Interpoint Corporation Company SMHF283R3SF/HR Datasheet HTML 9Page - Interpoint Corporation Company SMHF283R3SF/HR Datasheet HTML 10Page - Interpoint Corporation Company SMHF283R3SF/HR Datasheet HTML 11Page - Interpoint Corporation Company SMHF283R3SF/HR Datasheet HTML 12Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
41
DC/DC CONVERTERS
SMHF SERIES
SINGLE AND DUAL
15 WATT
Materials
Header Cold Rolled Steel/Nickel/Gold
Cover
MHF+ Series and FMH Filter
Kovar/Nickel
SMHF
Cold Rolled Steel/Nickel
Pins
#52 alloy (all cases)
compression glass seal
Case dimensions in inches (mm)
Tolerance
±0.005 (0.13) for three decimal places
±0.01 (0.2) for two decimal places
unless otherwise specified
CASE G
BOTTOM VIEW
Flanged package
See Figure 24
for pin configuration
2.005 max
(50.93)
1.130 max
(28.70)
Squared corner and dot on top
of case indicate pin one.
CAUTION
Heat from reflow or wave soldering may damage
the device. Solder pins individually with heat
application not exceeding 300
°C for 10 seconds
per pin.
Flange Thickness: 0.047 (1.19)
FIGURE 23: CASE G MAXIMUM DIMENSIONS
0.128 dia
(3.25)
0.030 dia.
(0.76)
Flanged cases: Designator "F" required in Case Option position of model number
SMHF Series Single and Dual
BOTTOM VIEW CASE G1
0.000
0.160
(4.06)
0.960
(24.38)
12
3
4
5
87
6
0.560
(14.22)
Squared corner and dot on top
of case indicate pin one.
Projection Weld
FIGURE 24: CASE G1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com