Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4053 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74HC4053
Description  Triple 2-channel analog multiplexer/demultiplexer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4053 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74HC4053 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC4053 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC4053 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC4053 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC4053 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HC4053 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74HC4053 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74HC4053 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74HC4053 Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Nexperia
74HC4053; 74HCT4053
Triple 2-channel analog multiplexer/demultiplexer
Symbol Parameter
Conditions
Min
Typ
Max
Unit
E to Vos; RL = ∞ Ω; see Fig. 12
[2]
VCC = 2.0 V; VEE = 0 V
-
60
220
ns
VCC = 4.5 V; VEE = 0 V
-
20
44
ns
VCC = 5.0 V; VEE = 0 V; CL = 15 pF
-
17
-
ns
VCC = 6.0 V; VEE = 0 V
-
16
37
ns
VCC = 4.5 V; VEE = -4.5 V
-
15
31
ns
Sn to Vos; RL = ∞ Ω; see Fig. 12
[2]
VCC = 2.0 V; VEE = 0 V
-
75
220
ns
VCC = 4.5 V; VEE = 0 V
-
25
44
ns
VCC = 5.0 V; VEE = 0 V; CL = 15 pF
-
21
-
ns
VCC = 6.0 V; VEE = 0 V
-
20
37
ns
ton
turn-on time
VCC = 4.5 V; VEE = -4.5 V
-
15
31
ns
E to Vos; RL = 1 kΩ; see Fig. 12
[3]
VCC = 2.0 V; VEE = 0 V
-
63
210
ns
VCC = 4.5 V; VEE = 0 V
-
21
42
ns
VCC = 5.0 V; VEE = 0 V; CL = 15 pF
-
18
-
ns
VCC = 6.0 V; VEE = 0 V
-
17
36
ns
VCC = 4.5 V; VEE = -4.5 V
-
15
29
ns
Sn to Vos; RL = 1 kΩ; see Fig. 12
[3]
VCC = 2.0 V; VEE = 0 V
-
60
210
ns
VCC = 4.5 V; VEE = 0 V
-
20
42
ns
VCC = 5.0 V; VEE = 0 V; CL = 15 pF
-
17
-
ns
VCC = 6.0 V; VEE = 0 V
-
16
36
ns
toff
turn-off time
VCC = 4.5 V; VEE = -4.5 V
-
15
29
ns
CPD
power dissipation
capacitance
per switch; VI = GND to VCC
[4]
-
36
-
pF
Tamb = -40 °C to +85 °C
Vis to Vos; RL = ∞ Ω; see Fig. 11
[1]
VCC = 2.0 V; VEE = 0 V
-
-
75
ns
VCC = 4.5 V; VEE = 0 V
-
-
15
ns
VCC = 6.0 V; VEE = 0 V
-
-
13
ns
tpd
propagation delay
VCC = 4.5 V; VEE = -4.5 V
-
-
10
ns
E to Vos; RL = ∞ Ω; see Fig. 12
[2]
VCC = 2.0 V; VEE = 0 V
-
-
275
ns
VCC = 4.5 V; VEE = 0 V
-
-
55
ns
VCC = 6.0 V; VEE = 0 V
-
-
47
ns
VCC = 4.5 V; VEE = -4.5 V
-
-
39
ns
Sn to Vos; RL = ∞ Ω; see Fig. 12
[2]
VCC = 2.0 V; VEE = 0 V
-
-
275
ns
VCC = 4.5 V; VEE = 0 V
-
-
55
ns
VCC = 6.0 V; VEE = 0 V
-
-
47
ns
ton
turn-on time
VCC = 4.5 V; VEE = -4.5 V
-
-
39
ns
74HC_HCT4053
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 12 — 9 February 2023
13 / 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com