Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC11D Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HC11D
Description  Triple 3-input AND gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC11D Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HC11D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC11D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC11D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC11D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC11D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC11D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC11D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC11D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC11D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
74HC11; 74HCT11
Triple 3-input AND gate
Rev. 8 — 11 August 2021
Product data sheet
1. General description
The 74HC11; 74HCT11 is a triple 3-input AND gate. Inputs include clamp diodes. This enables the
use of current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Input levels:
• For 74HC11: CMOS level
• For 74HCT11: TTL level
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74HC11D
74HCT11D
-40 °C to +125 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74HC11PW
74HCT11PW
-40 °C to +125 °C
TSSOP14 plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1


Similar Part No. - 74HC11D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC11D PHILIPS-74HC11D Datasheet
33Kb / 5P
Triple 3-input AND gate
December 1990
74HC11D NXP-74HC11D Datasheet
327Kb / 15P
Triple 3-input AND gate
Rev. 04-25 March 2010
logo
SYC Electronica
74HC11D SYC-74HC11D Datasheet
352Kb / 15P
Triple 3-input AND gate
logo
Nexperia B.V. All right...
74HC11D-Q100 NEXPERIA-74HC11D-Q100 Datasheet
693Kb / 13P
Triple 3-input AND gate
74HC11D-Q100 NEXPERIA-74HC11D-Q100 Datasheet
228Kb / 11P
Triple 3-input AND gate
Rev. 4 - 11 August 2021
More results

Similar Description - 74HC11D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS15 MOTOROLA-SN54LS15 Datasheet
123Kb / 4P
TRIPLE 3-INPUT AND GATE
logo
NXP Semiconductors
74ALS11A PHILIPS-74ALS11A Datasheet
77Kb / 7P
Triple 3-Input AND gate
1991 Feb 08
logo
STMicroelectronics
M74HC11 STMICROELECTRONICS-M74HC11 Datasheet
177Kb / 8P
TRIPLE 3-INPUT AND GATE
Aug-2001
logo
Fairchild Semiconductor
DM74ALS11A FAIRCHILD-DM74ALS11A Datasheet
46Kb / 4P
Triple 3-Input AND Gate
logo
Hitachi Semiconductor
HD14073B HITACHI-HD14073B Datasheet
49Kb / 4P
Triple 3-input AND Gate
logo
Toshiba Semiconductor
TC74VHC11F TOSHIBA-TC74VHC11F_07 Datasheet
210Kb / 8P
Triple 3-Input AND Gate
logo
Texas Instruments
54F11 TI1-54F11 Datasheet
347Kb / 10P
Triple 3-Input AND Gate
logo
Toshiba Semiconductor
TC74AC11F TOSHIBA-TC74AC11F_12 Datasheet
244Kb / 7P
Triple 3-Input AND Gate
TC74VHC11F TOSHIBA-TC74VHC11F_12 Datasheet
193Kb / 7P
Triple 3-Input AND Gate
logo
Nexperia B.V. All right...
74HCT11-Q100 NEXPERIA-74HCT11-Q100 Datasheet
228Kb / 11P
Triple 3-input AND gate
Rev. 4 - 11 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com