Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1902A Datasheet(PDF) 1 Page - Belden Inc.

Part # 1902A
Description  Audio Snake Cable, #24-2pr, BC, Indiv. Shielded
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1902A Datasheet(HTML) 1 Page - Belden Inc.

  1902A Datasheet HTML 1Page - Belden Inc. 1902A Datasheet HTML 2Page - Belden Inc. 1902A Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 1902A
Audio Snake Cable, #24-2pr, BC, Indiv. Shielded
Product Description
Audio Snake Cable, 2-24 AWG bare copper pairs, polyolefin insulation, individually shielded with double serve "French Braid", drain, numbered/color-coded
PVC jackets, flexible PVC jacket
Technical Specifications
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
Nominal Diameter No. of Pairs
24
41x40
BC - Bare Copper 0.0225 in
2
Conductor Count:
4
Total Number of Pairs:
2
Insulation
Material
Nominal Diameter Nominal Wall Thickness
PP - Polypropylene 0.0395 in
0.0085 in
Color Chart
Number Color
1
Brown
2
Red
Inner Shield
Type
Material
Coverage [%] Drainwire Material
Drainwire Diameter Drainwire AWG Drainwire Construction n x D
French
Braid
Bare Copper (BC) 95%
TC - Tinned Copper 0.025 in
24
19x26
Inner Jacket
Material
Nominal Diameter Nominal Wall Thickness
PVC - Polyvinyl Chloride 0.119 in
0.0135 in
Outer Shield
Material
No Shield
Outer Jacket
Material
Nominal Diameter Nominal Wall Thickness
PVC - Polyvinyl Chloride 0.33 in
0.0445 in
Electrical Characteristics
Conductor DCR
Individual Pair Nominal Shield DCR Nominal Conductor DCR Nominal Conductor DCR Conductor Resistance
7.2 Ohm/1000ft
25.5 Ohm/1000ft
25.5 Ohm/1000ft
Capacitance
Nom. Capacitance Conductor to Conductor Nom. Capacitance Conductor to Other Conductor to Shield


Similar Part No. - 1902A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1902A ETC2-1902A Datasheet
230Kb / 1P
FEMALE THREADED STANDOFFS
1902A ETC2-1902A Datasheet
93Kb / 2P
THREADED STANDOFFS
logo
Keystone Electronics Co...
1902A KEYSTONE-1902A Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
More results

Similar Description - 1902A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1427B BELDEN-1427B Datasheet
179Kb / 3P
Audio Snake Cable, #24-24pr, TC, Indiv. Shielded
11-09-2022
1904A BELDEN-1904A Datasheet
189Kb / 3P
Audio Snake Cable, #24-4pr, BC, Indiv. Shielded
12-19-2022
1912A BELDEN-1912A Datasheet
190Kb / 3P
Audio Snake Cable, #24-12pr, BC, Indiv. Shielded
12-20-2022
1906A BELDEN-1906A Datasheet
190Kb / 3P
Audio Snake Cable, #24-6pr, BC, Indiv. Shielded
12-19-2022
1908A BELDEN-1908A Datasheet
189Kb / 3P
Audio Snake Cable, #24-8pr, BC, Indiv. Shielded
12-19-2022
1509C BELDEN-1509C Datasheet
185Kb / 2P
Audio Snake Cable, #24-2pr, TC, Indiv. Shielded, CM
01-20-2023
1916A BELDEN-1916A Datasheet
179Kb / 3P
Audio Snake Cable, #24-16pr, BC, Indiv. Shielded
12-20-2022
1924A BELDEN-1924A Datasheet
191Kb / 3P
Audio Snake Cable, #24-24pr, BC, Indiv. Shielded
11-09-2022
1932A BELDEN-1932A Datasheet
192Kb / 3P
Audio Snake Cable, #24-32pr, BC, Indiv. Shielded
11-09-2022
7891A BELDEN-7891A Datasheet
236Kb / 3P
Audio Snake Cable, #26-2pr, TC, Indiv. Shielded, CM
12-20-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com