Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUV298V Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUV298V
Description  isc Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUV298V Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUV298V Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUV298V Datasheet HTML 2Page - Inchange Semiconductor Company Limited BUV298V Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc website: www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
BUV298V
ELECTRICAL CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC=10mA, IB=0
450
V
ICBO
Collector Cutoff Current
VCB= 800V; IB=0
0.2
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
1
mA
hFE
DC Current Gain
IC= 32A; VCE= 5V
10
30
VCE(sat)*
Collector-Emitter Saturation Voltage
IC=32A; IB= 6.4A
1.2
V
VBE(sat)*
Base-Emitter Saturation Voltage
IC= 32A; IB=6.4A
1.5
V
* Pulse duration = 300 µs, duty cycle ≤ 1.5%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com