Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTRA184602FC-V1-R2 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # GTRA184602FC-V1-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 460 W, 48 V, 1805 – 1880 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA184602FC-V1-R2 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

  GTRA184602FC-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA184602FC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA184602FC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA184602FC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA184602FC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA184602FC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA184602FC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA184602FC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. GTRA184602FC-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
GTRA184602FC
6
Rev. 03, 2023-03-02
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Evaluation Board
Test Fixture Part Number
LTA/GTRA184602FC-V1
PCB Information
Rogers 4350, 0.762mm [0.030”] thick, 2 oz. copper, ε
r = 3.66
width of
device
0.385 x
1.6666
= 0.64
GTRA184602FC_IN_01A
g t r a 18 4 6 0 2 f c _ C D _ 2 0 1 9 - 1 0 - 0 7 _ B N
GTRA184602FC_OUT_01
C102
C101
R101
C103
C104
C106
C105
R102
C108
C107
R103
U1
C206
C205
C210
C201
C208
C202
C207
C203
C204
C211
C209
C212
C214
C213
C215
C216
RO4350, 30 MIL
RO4350, 30 MIL
RF_OUT
RF_IN
V DD
V DD
V GG
V GG
Reference circuit assembly diagram (not to scale)
Components Information
Component
Description
Manufacturer
P/N
In
C101, C104, C106, C107
Capacitor, 18 pF
ATC
ATC600S180JT250XT
C102, C108
Capacitor, 10 µF, 100 V
Murata Electronics
GRM32EC72A106KE05L
C103, C105
Capacitor, 2.7 pF
ATC
ATC600S2R7CT250XT
R101, R102
Resistor, 10 ohms
Panasonic – ECG
ERJ-3GEYJ100V
R103
Resistor, 50 ohms
Anaren
C8A50Z4A
U1
Hybrid Coupler
Anaren
X3C19P1-03S



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com