Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC02 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74HC02
Description  Quad 2-input NOR gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC02 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74HC02 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC02 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC02 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC02 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC02 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC02 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC02 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC02 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC02 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Nexperia
74HC02; 74HCT02
Quad 2-input NOR gate
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
1Y, 2Y, 3Y, 4Y
1, 4, 10, 13
data output
1A, 2A, 3A, 4A
2, 5, 8, 11
data input
1B, 2B, 3B, 4B
3, 6, 9,12
data input
GND
7
ground (0 V)
VCC
14
supply voltage
6. Functional description
Table 3. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care.
Input
Output
nA
nB
nY
L
L
H
X
H
L
H
X
L
7. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max Unit
VCC
supply voltage
-0.5
+7
V
IIK
input clamping current
VI < -0.5 V or VI > VCC + 0.5 V
[1]
-
±20
mA
IOK
output clamping current
VO < -0.5 V or VO > VCC + 0.5 V
[1]
-
±20
mA
IO
output current
-0.5 V < VO < VCC + 0.5 V
-
±25
mA
ICC
supply current
-
50
mA
IGND
ground current
-50
-
mA
Tstg
storage temperature
-65
+150 °C
Ptot
total power dissipation
SOT108-1
SOT402-1
SOT762-1
[2]
-
500
mW
SOT8016-1
-
250
mW
[1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2] For SOT108-1 (SO14) package: Ptot derates linearly with 10.1 mW/K above 100 °C.
For SOT402-1 (TSSOP14) package: Ptot derates linearly with 7.3 mW/K above 81 °C.
For SOT762-1 (DHVQFN14) package: Ptot derates linearly with 9.6 mW/K above 98 °C.
74HC_HCT02
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 8 — 9 February 2023
3 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com