Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT02 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74HCT02
Description  Quad 2-input NOR gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCT02 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HCT02 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HCT02 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCT02 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCT02 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCT02 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCT02 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCT02 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCT02 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCT02 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Nexperia
74HC02; 74HCT02
Quad 2-input NOR gate
4. Functional diagram
mna216
1A
1B
1Y
3
2
1
2A
2B
2Y
6
5
4
3A
3B
3Y
9
8
10
4A
4B
4Y
12
11
13
Fig. 1. Logic symbol
001aah084
2
1
3
5
4
≥1
6
≥1
8
10
≥1
9
11
13
≥1
12
Fig. 2. IEC logic symbol
mna215
A
B
Y
Fig. 3. Logic diagram (one gate)
5. Pinning information
5.1. Pinning
D package
SOT108-1 (SO14)
aaa-035251
1
2
3
4
5
6
7
8
10
9
12
11
14
13
VCC
4Y
4B
4A
3Y
3B
1Y
1A
1B
2Y
2A
2B
GND
3A
PW package
SOT402-1 (TSSOP14)
1Y
VCC
1A
4Y
1B
4B
2Y
4A
2A
3Y
2B
3B
GND
3A
aaa-035252
1
2
3
4
5
6
7
8
10
9
12
11
14
13
aaa-035253
Transparent top view
2B
3B
2A
3Y
2Y
4A
1B
4B
1A
4Y
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
BQ package
SOT762-1 (DHVQFN14)
GND(1)
aaa-035556
Transparent top view
1A 2
terminal 1
index area
1B
4B
3
12
2Y 4
2A 5
2B 6
4Y
13
4A
11
3Y
10
3B
9
BZ package
SOT8014-1 (DHXQFN14)
GND(1)
(1) This is not a ground pin. There is no electrical or mechanical requirement to solder
the pad. In case soldered, the solder land should remain floating or connected to GND.
74HC_HCT02
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 8 — 9 February 2023
2 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com