Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC04BZ Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74HC04BZ
Description  Hex inverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC04BZ Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HC04BZ Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC04BZ Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC04BZ Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC04BZ Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC04BZ Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC04BZ Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC04BZ Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC04BZ Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC04BZ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Nexperia
74HC04; 74HCT04
Hex inverter
4. Functional diagram
mna342
1A
1Y
1
2
2A
2Y
3
4
3A
3Y
5
6
4A
4Y
9
8
5A
5Y
11
10
6A
6Y
13
12
Fig. 1. Logic symbol
1
1
2
mna343
3
1
4
5
1
6
9
1
8
11
1
10
13
1
12
Fig. 2. IEC logic symbol
mna341
A
Y
Fig. 3. Logic diagram (one inverter)
74HC_HCT04
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 9 — 9 February 2023
2 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com