Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB080AR-40 Datasheet(PDF) 1 Page - Rohm

Part # RB080AR-40
Description  Schottky Barrier Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB080AR-40 Datasheet(HTML) 1 Page - Rohm

  RB080AR-40 Datasheet HTML 1Page - Rohm RB080AR-40 Datasheet HTML 2Page - Rohm RB080AR-40 Datasheet HTML 3Page - Rohm RB080AR-40 Datasheet HTML 4Page - Rohm RB080AR-40 Datasheet HTML 5Page - Rohm RB080AR-40 Datasheet HTML 6Page - Rohm RB080AR-40 Datasheet HTML 7Page - Rohm RB080AR-40 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RB080AR-40
Schottky Barrier Diode
Data sheet
●Outline
VR
40
V
IF
4.0
A
IFSM
40
A
●Features
●Inner Circuit
High reliability
Wafer level chip size package
Low VF
●Application
●Packaging Specifications
General rectification
Packing
Embossed Tape
Reel Size(mm)
180
Taping Width(mm)
8
●Structure
Quantity(pcs)
7000
Epitaxial planar
Taping Code
T7R
Marking
F
●Absolute Maximum Ratings (Tc = 25ºC unless otherwise stated)
                   
Parameter
Symbol
Conditions
Limits
Unit
Repetitive peak reverse voltage
VRM
Duty≦0.5
40
V
Reverse voltage
VR
Reverse direct voltage
40
V
DC forward current
IF
Glass epoxy mounted 、DCcurrent
4.0
A
Non-repetitive peak surge
forward current
IFSM-cyc
60Hz half sin waveform
40
A
IFSM-t
tp=5ms, square wave
40
A
Junction temperature(1)
Tj
-
150
℃
Storage temperature
Tstg
-
-55 ~ 150
℃
Note(1) To avoid occurrence of thermal runaway, actual board is to be designed to f ulf ill dPd/dTj<1/Rth(j-a)
●Characteristics (Tj = 25ºC unless otherwise stated)
                 
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
Forward voltage
VF
IF=4.0A
-
0.53
0.63
V
Reverse current
IR
VR=40V
-
60
200
μA
Capacitance between terminals
Ct
VR=10V f=1.0MHz
-
110
-
pF
Reverse recovery time
trr
IF= IR=100mA Irr=10mA
-
25
-
ns
※Caution:static electricity
Attention
www.rohm.com
© 2023- ROHMCo., Ltd. All rights reserved.
1/5
2023/05/10_Rev.002


Similar Part No. - RB080AR-40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RB0805 ETC2-RB0805 Datasheet
633Kb / 14P
Absorbing impact and noise
RB0805 ETC2-RB0805 Datasheet
244Kb / 2P
It denotes the values at the maximum energy absorption per one cycle.
RB0806 ETC2-RB0806 Datasheet
244Kb / 2P
It denotes the values at the maximum energy absorption per one cycle.
logo
Allied Components Inter...
RB0807 ALLIED-RB0807 Datasheet
383Kb / 1P
Radial Bobbin Inductors
RB0807-100K-RC ALLIED-RB0807-100K-RC Datasheet
383Kb / 1P
Radial Bobbin Inductors
More results

Similar Description - RB080AR-40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com