Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC1G66GV Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74HC1G66GV
Description  Single-pole single-throw analog switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC1G66GV Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74HC1G66GV Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Nexperia
74HC1G66; 74HCT1G66
Single-pole single-throw analog switch
10.3. ON resistance test circuit and graphs
001aag490
VI
VIH
VCC
GND
nZ
nY
nE
VSW
ISW
RON = VSW / ISW
Fig. 6. Test circuit for measuring ON resistance
0
4
6
8
10
2
VI (V)
80
40
20
60
0
mna081
RON
(Ω)
VCC = 4.5 V
6.0 V
9.0 V
Tamb = 25 °C
Fig. 7. Typical ON resistance as a function of input
voltage
74HC_HCT1G66
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 5 — 27 January 2022
7 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com