Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC21 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74HC21
Description  Dual 4-input AND gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC21 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74HC21 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC21 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC21 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC21 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC21 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC21 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC21 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC21 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC21 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Nexperia
74HC21
Dual 4-input AND gate
10. Dynamic characteristics
Table 7. Dynamic characteristics
GND = 0 V; test circuit see Fig. 6.
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter
Conditions
Min Typ Max
Min
Max
Min
Max
Unit
nA, nB, nC or nD to nY;
see Fig. 5
[1]
VCC = 2.0 V
-
33
110
-
140
-
165
ns
VCC = 4.5 V
-
12
22
-
28
-
33
ns
VCC = 6.0 V
-
10
19
-
24
-
28
ns
tpd
propagation
delay
VCC = 5.0 V; CL = 15 pF
-
10
-
-
-
-
-
ns
nY output; see Fig. 5
[2]
VCC = 2.0 V
-
19
75
-
95
-
110
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
tt
transition time
VCC = 6.0 V
-
6
13
-
16
-
19
ns
CPD
power
dissipation
capacitance
VI = GND to VCC
[3]
-
15
-
-
-
-
-
pF
[1] tpd is the same as tPHL and tPLH.
[2] tt is the same as tTHL and tTLH.
[3] CPD is used to determine the dynamic power dissipation (PD in μW):
PD = CPD x VCC 2 x fi x N + Σ(CL x VCC 2 x fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(CL x VCC 2 x fo) = sum of outputs.
10.1. Waveforms and test circuit
001aab977
nA, nB, nC,
nD input
nY output
VM
VX
VI
tPHL
tTHL
tTLH
tPLH
VOH
VM
VY
VOL
GND
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig. 5. Waveforms showing the input (nA, nB, nC, nD) to output (nY) propagation delays and the output transition
times
74HC21
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 9 — 2 May 2023
5 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com