Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC390D Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74HC390D
Description  Dual decade ripple counter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC390D Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74HC390D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Nexperia
74HC390; 74HCT390
Dual decade ripple counter
25 °C
-40 °C to
+85 °C
-40 °C to
+125 °C
Symbol Parameter
Conditions
Min Typ [1] Max
Min
Max
Min
Max
Unit
nCP0, nCP1; HIGH or LOW;
see Fig. 5
VCC = 4.5 V
18
8
-
23
-
27
-
ns
nMR HIGH; see Fig. 6
tW
pulse width
VCC = 4.5 V
17
10
-
21
-
26
-
ns
nMR to nCPn;see Fig. 6
trec
recovery time
VCC = 4.5 V
15
8
-
19
-
22
-
ns
nCPn; see Fig. 5
VCC = 4.5 V
27
55
-
22
-
18
-
MHz
fmax
maximum
frequency
VCC = 5 V; CL = 15 pF
-
61
-
-
-
-
-
MHz
CPD
power
dissipation
capacitance
CL = 50 pF; f = 1 MHz;
VI = GND to VCC - 1.5 V
[4]
-
21
-
-
-
-
-
pF
[1] All typical values are measured at Tamb = 25 °C.
[2] tpd is the same as tPLH and tPHL.
[3] tt is the same as tTHL and tTLH.
[4] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD × VCC 2 × fi × N + ∑(CL × VCC 2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(CL × VCC 2 × fo) = sum of outputs.
74HC_HCT390
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 18 October 2021
8 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com