Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC86 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74HC86
Description  Quad 2-input EXCLUSIVE-OR gate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC86 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HC86 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC86 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC86 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC86 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC86 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC86 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC86 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC86 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC86 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Nexperia
74HC86; 74HCT86
Quad 2-input EXCLUSIVE-OR gate
4. Functional diagram
mna787
1A
1B
1Y
2
1
3
2A
2B
2Y
5
4
6
3A
3B
3Y
10
9
8
4A
4B
4Y
13
12
11
Fig. 1. Logic symbol
mna788
Y
A
B
Fig. 2. Logic diagram (one gate)
mna786
3
=1
=1
=1
=1
2
1
6
5
4
8
10
9
11
13
12
Fig. 3. IEC logic symbol
5. Pinning information
5.1. Pinning
74HC86
74HCT86
1A
VCC
1B
4B
1Y
4A
2A
4Y
2B
3B
2Y
3A
GND
3Y
001aad103
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Fig. 4. Pin configuration SOT108-1 (SO14)
74HC86
74HCT86
1A
VCC
1B
4B
1Y
4A
2A
4Y
2B
3B
2Y
3A
GND
3Y
aaa-033304
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Fig. 5. Pin configuration SOT402-1 (TSSOP14)
74HC_HCT86
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 6 — 13 September 2021
2 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com