Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA554 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # 2SA554
Description  SOT-89-3L Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SA554 Datasheet(HTML) 1 Page - Nanjing International Group Co

  2SA554 Datasheet HTML 1Page - Nanjing International Group Co 2SA554 Datasheet HTML 2Page - Nanjing International Group Co 2SA554 Datasheet HTML 3Page - Nanjing International Group Co 2SA554 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SOT-89-3L
1. BASE
2. COLLECTOR
3. EMITTER
2SA554
TRANSISTOR (PNP)
FEATURES
Low Saturation Voltage
High Speed Switching
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= -0.1mA,IE=0
-100
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA,IB=0
-100
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-0.1mA,IC=0
-6
V
Collector cut-off current
ICBO
VCB=-100V,IE=0
-1
uA
Emitter cut-off current
IEBO
VEB=-4V,IC=0
-1
uA
VCE=-3V, IC=-100mA
120
270
DC current gain
hFE
Collector-emitter saturation voltage
VCE(sat)
IC=-1A,IB=-50mA
-0.3
V
Collector output capacitance
Cob
VCB=-10V,IE=0, f=1MHz
32
pF
Transition frequency
fT
VCE=-5V,IC= -0.1A
MHz
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-100
V
VCEO
Collector-Emitter Voltage
-100
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current
-2
A
PC
Collector Power Dissipation
500
mW
RθJA
Thermal Resistance From Junction To Ambient
250
℃/W
Operation Junction and
Storage Temperature Range
-55~+150
℃
IC=-0.5A,IB=-25mA
-0.2
V
30
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
TJ,TSTG
Equivalent Circuit
A554
MARKING: A554
SOT-89-3L Plastic-Encapsulate Transistors
DONGGUAN NANJING ELECTRONICS LTD.,
Dongguan Nanjing Electronics Ltd.
1/4
www.dgnjdz.com


Similar Part No. - 2SA554

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SA554 JIANGSU-2SA554 Datasheet
3Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
2SA554 SECOS-2SA554 Datasheet
344Kb / 2P
-2A, -100V PP Epitaxial Planar Transistor
More results

Similar Description - 2SA554

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2SC4375 DGNJDZ-2SC4375 Datasheet
228Kb / 1P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB1386 JIANGSU-2SB1386 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SB1424 JIANGSU-2SB1424 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SC2881 JIANGSU-2SC2881 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
STC4350 DGNJDZ-STC4350 Datasheet
1Mb / 6P
SOT-89-3L Plastic-Encapsulate Transistors
NJ13001 DGNJDZ-NJ13001 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SB1386 DGNJDZ-2SB1386_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SD965 DGNJDZ-2SD965_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
D882 DGNJDZ-D882_V01 Datasheet
541Kb / 2P
SOT-89-3L Plastic-Encapsulate Transistors
PXT2222A DGNJDZ-PXT2222A_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com